Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX210QC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MX210QC
Description  Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX210QC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MX210QC Datasheet HTML 1Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 2Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX210QC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Outline
TO-100 mm (in)
Information furnished by MEMSIC is believed to be
accurate and reliable. However, no responsibility is
assumed by MEMSIC for its use, nor for any infringe-
ments of patents or other rights of third parties which
may result from its use. No license is granted by
implications or otherwise under any patent or patent
rights of MEMSIC.
Preliminary technical information.
Subject to change without notice.
Data Sheet
Page 7 of 8
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX210Q
MX210Q ANALOG Data Sheet N 8/1/01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com