Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD10 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # EMD10
Description  Dual NPNPNP Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMD10 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  EMD10 Datasheet HTML 1Page - First Silicon Co., Ltd EMD10 Datasheet HTML 2Page - First Silicon Co., Ltd EMD10 Datasheet HTML 3Page - First Silicon Co., Ltd EMD10 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2016. 08. 30
2/4
Revision No : 0
EMD10
TR2 Absolute maximum ratings (Ta=25℃)
TR2 Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
V
0
5
-
Input voltage
VIN
V
5
~
2
1
-
IO
0
0
1
-
Output current
IC(MAX)
0
0
1
-
mA
Power dissipation
W
m
0
5
1
d
P
Junction temperature
0
5
1
j
T
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
-0.5
VCC=-5V, IO=-100μA
Input voltage
VI(on)
-1.1
V
VO=-0.3V, IO=-5mA
Output voltage
VO(on)
-0.1
-0.3
V
IO/II=-5mA/-0.25mA
Input current
II
-3.6
mA
VI=-5V
Output current
IO(off)
-0.5
μA
VCC=-50V, VI=0
DC current gain
GI
80
VO=-5V, IO=-10mA
Input resistance
R1
1.54
2.2
2.86
KΩ
-
Resistance ratio
R2/R1
17
21
26
-
Transition frequency
fT
250
MHz
VCE=-10V, IE=-5mA, f=100MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com