Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AF Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # ES1AF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ES1AF Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  ES1AF Datasheet HTML 1Page - First Silicon Co., Ltd ES1AF Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.25
1.00
0.75
0.50
0.25
0.00
0
30
60
90
120
150
Ratings and Characteristic Curves
FIG. 1 – TYPICAL FORWARD CURRENT DERATING CURVE
AMB ENT TEMPERATURE (℃)
FIG. 3 – MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
50
40
30
20
0
10
1
10
100
NUMBER OF CYCLES AT 60HZ
REVERSE VOLTAGE (V)
30
25
20
0
15
10
5
0.1
1
10
100
FIG. 2 – TYPICAL FORWARD CHARACTERISTICS
FIG. 4 – TYPICAL REVERSE CHARACTERISTICS
100.00
10.00
1.00
0.10
0.01
0.4
0 8
1.2
1.6
2.0
FORWARD VOLTAGE (V)
10.00
1.00
0.10
0.01
0.0001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
0.001
125℃
75℃
25℃
Tj=25
ES1AF-ES1DF
ES1EF-ES1GF
ES1JF
2018. 04. 12
2/2
Revision No : 0
ES1AF THRU ES1JF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com