Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # F5A
Description  Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

F5A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  F5A Datasheet HTML 1Page - First Silicon Co., Ltd F5A Datasheet HTML 2Page - First Silicon Co., Ltd F5A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
F1A ~ F7A
2012. 08. 16
1/3
Revision No : 0
Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
Surface Mount Glass Passivated Standard Rectifier
Features
• Glass passivated Standard rectifiers
• Compatible with SOD-123
• Super low VF
• High forward surge capability
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• Low profile, Max height 1.08mm
TYPICAL APPLICATIONS
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
SMF
Parameter
F1A
F2A
F3A
F4A
F5A F6A
F7A
40
0.97
-55 ~ +150


Similar Part No. - F5A

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5A-327 FOX-F5A-327 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
logo
Edal Industries, Inc.
F5A3 EDAL-F5A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results

Similar Description - F5A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1DS GOOD-ARK-F1DS_15 Datasheet
211Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1510A GOOD-ARK-F1510A_15 Datasheet
214Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 1000V Forward Current 1.5A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
V1 GOOD-ARK-V1 Datasheet
156Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A_15 Datasheet
221Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
M1 GOOD-ARK-M1 Datasheet
156Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com