Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A358F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # A358F
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

A358F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  A358F Datasheet HTML 1Page - First Silicon Co., Ltd A358F Datasheet HTML 2Page - First Silicon Co., Ltd A358F Datasheet HTML 3Page - First Silicon Co., Ltd A358F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25℃)
MAXIMUM RATINGS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
32, ±16
V
Differential Input Voltage
DVIN
±
32
V
Input Voltage
VIN
-0.3 ~ 36
V
Power Dissipation
FA358P/S
PD
500
mW
FA358F
280
FA358FK
200
Operating Temperature
Topr
-40 ~ 125
Storage Temperature
Tstg
-55 ~ 125
Pin① to Pin⑨ Maximum Current
FA358S
Imax
1
A
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
Rg≤ 10kΩ
-
5
mV
Input Offset Current
IIO
-
-
50
nA
Input Bias Current
II
-
-
45
210
nA
Common Mode Input Voltage
CMVIN
VCC=30V, VEE=GND
0
-
28
V
Supply Current
ICC, IEE
RL= ∞, All OP Amps
-
0.7
1.2
mA
Voltage Gain
GV
R ≤
L
2kΩ
86
-
dB
Maximum Output Voltage Swing
VOP-P
RL=2kΩ,
26
-
V
Common Mode Input Signal
Rejection Ratio
CMRR
65
-
dB
Supply Voltage Rejection Ratio
SVRR
Rg=10kΩ,
65
-
dB
Source Current
Isource
-IN=0VDC, +IN=1VDC
10
-
mA
Sink Current
Isink
-IN=1VDC, +IN=0VDC
10
-
mA
2014. 05. 20
2/4
FA358P/S/F
Revision No : 2
℃
℃
VCC=30V
VCC=30V
VCC=30V, R =10kΩ
S
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com