Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA393F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FA393F
Description  DUAL VOLTAGE COMPARATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA393F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FA393F Datasheet HTML 1Page - First Silicon Co., Ltd FA393F Datasheet HTML 2Page - First Silicon Co., Ltd FA393F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25 )
MAXIMUM RATINGS (Ta=25 )
EQUIVALENT CIRCUIT
VCC
100µA
+IN
Q2
Q3
Q4
Q5
Q6
Q7
Q8
OUT
-IN
Q1
3 5µA
3
5µA
100µA
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
VO=1.4V
-
5
mV
Input Offset Current
IIO
-
-
50
nA
Input Bias Current
II
-
-
250
nA
Common Mode Input Voltage
CMVIN
-
0
-
VCC-1.5
V
Voltage Gain
GV
RL=15k ,
-
200
-
V/mV
Supply Current
ICC
No load
-
1
mA
Sink Current
Isink
+IN=0V, -IN=1V, VOL=1.5V
6
16
-
mA
Output Voltage ("L" Level)
VOL
+IN=0V, -IN=1V, Isink=3mA
-
0.7
V
Output Leak Current
ILEAK
+IN=1V, -IN=0V, VO=5V
-
0.1
-
nA
Response Time
trsp
RL=5.1k , CL=15pF
-
1.3
-
s
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
18, 36
V
Differential Input Voltage
DVIN
18, 36
V
Common Mode Input Voltage
CMVIN
-0.3 VCC
V
Power Dissipation
FA393P
PD
500
mW
FA393F
240
Operating Temperature
Topr
-40 85
Storage Temperature
Tstg
-55 125
2007. 5. 20
2/3
FA393P/F
Revision No : 1
VCC =15V
-
-
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com