Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA431Z Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FA431Z
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA431Z Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FA431Z Datasheet HTML 1Page - First Silicon Co., Ltd FA431Z Datasheet HTML 2Page - First Silicon Co., Ltd FA431Z Datasheet HTML 3Page - First Silicon Co., Ltd FA431Z Datasheet HTML 4Page - First Silicon Co., Ltd FA431Z Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25℃)
MAXIMUM RATINGS (Ta=25℃)
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP. MAX. UNIT
Reference Input
Voltage
FA431Z
(2%)
Vref
Figure 1
VKA=Vref , IK=10mA
2.440 2.495 2.550
V
FA431ZA (1%)
2.470 2.495 2.520
V
FA431ZC (0.5%)
2.4825 2.495 2.5075
V
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
3
17
mV
Ratio of Change in Reference Input
Voltage to Change in Cathode to
Anode Voltage
ΔV /
ref
ΔVKA
Figure 2
IK=10mA
ΔVKA=
10V ~ Vref
-
-1.4
-2.7
mV/V
ΔVKA=
36V ~ 10V
-
-1.0
-2.0
Reference Input Current
Iref
Figure 2
IK=10mA, R1=10kΩ , R2=∞
-
0.5
2.0
μA
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ , R2=∞
-
0.4
1.2
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
0.25
0.5
mA
Off-State Cathode Current
Ioff
Figure 3
VKA=40V, Vref=0V
-
170
900
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=1.0 ~ 100mA,
f ≤1.0kHz
-
0.27
0.5
Note) Package mounted on a ceramic board. (600 X 0.8
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
V
Cathode Current Range, Continuous
IK
-100 ~ 150
mA
Reference Input Current Range, Continuous
Iref
-0.05 ~ 10
mA
Operating Junction Temperature
Tj
150
Operating Temperature
Topr
-40 ~ 85
Storage Temperature
Tstg
-65 ~ 150
Total Power Dissipation
FA431Z
PD
700
mW
FA431ZF (Note)
800
FA431ZS
200
2012. 05. 02
2/5
FA431Z/ZS/ZF
Revision No : 4
℃
℃
℃
㎜
㎣
44
Ω
Cathode (K)
Anode (A)
Reference (R)
2.5Vref
+
-
BLOCK DIAGRAM
Reference (R)
Anode (A)
Cathode (K)
FA431ACS (0.5%)
2.500
2.487
2.512
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com