Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA432AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA432AF
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA432AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA432AF Datasheet HTML 1Page - First Silicon Co., Ltd FA432AF Datasheet HTML 2Page - First Silicon Co., Ltd FA432AF Datasheet HTML 3Page - First Silicon Co., Ltd FA432AF Datasheet HTML 4Page - First Silicon Co., Ltd FA432AF Datasheet HTML 5Page - First Silicon Co., Ltd FA432AF Datasheet HTML 6Page - First Silicon Co., Ltd FA432AF Datasheet HTML 7Page - First Silicon Co., Ltd FA432AF Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROGRAMMABLE PRECISION REFERENCES
The FA432/S/F integrated circuits are three-terminal
programmable shunt regulator diodes.
These monolithic IC voltage reference operate as a low
temperature coefficient zener which is programmable from
Vref to 16 volts with two external resistors.
with a typical dynamic impedance of 0.2Ω .
replacements for zener diodes in many applications
such as digital voltmeters, power supplies, and op amp circuitry.
FEATURES
Divice Code Name :FA432 + Vref Code + Package Code
Programmable Output Voltage
Fast turn on response.
Equivalent Full-Range Temperature Coefficient of 50ppm/℃ (Typ.).
Low Output Noise Voltage.
ITEM
Vref Code
Package Code
FA432
Code
Tolerance (%)
Code
Package
±2.0
TO-92
A
±1.0
F
SOT-89
C
±0.5
S
SOT-23
LINE UP
Type No.
Operating Voltage(V)
Package
FA432
1.24~16
TO-92
FA432A
FA432C
FA432F
SOT-89
FA432AF
FA432CF
FA432S
SOT-23
FA432AS
FA432CS
These devices exhibit a wide operating current range of 0.1 to 20mA
The characteristics of these references make them excellent
2012. 09. 24
1/8
SEMICONDUCTOR
TECHNICAL DATA
FA432/S/F
Revision No : 3
Temperature Compensated for Operation Over Full Temperature Range.
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. REFERENCE
2. ANODE
3. CATHODE
1. REFERENCE
2. ANODE
3. CATHODE
SOT-23
2
1
3
1. CATHODE
2. REFERENCE
3. ANODE
DIM
MILLIMETERS
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
+
_
compliance with RoHS requirements.
We declare that the material of product


Similar Part No. - FA432AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA4320U ETC1-FA4320U Datasheet
90Kb / 1P
MATCHED PAIR AND QUAD ASSEMBLIES DIODES
FA4321U ETC1-FA4321U Datasheet
90Kb / 1P
MATCHED PAIR AND QUAD ASSEMBLIES DIODES
FA4322U ETC1-FA4322U Datasheet
90Kb / 1P
MATCHED PAIR AND QUAD ASSEMBLIES DIODES
FA4323U ETC1-FA4323U Datasheet
90Kb / 1P
MATCHED PAIR AND QUAD ASSEMBLIES DIODES
FA4324U ETC1-FA4324U Datasheet
90Kb / 1P
MATCHED PAIR AND QUAD ASSEMBLIES DIODES
More results

Similar Description - FA432AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com