Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA432AS Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FA432AS
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA432AS Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FA432AS Datasheet HTML 1Page - First Silicon Co., Ltd FA432AS Datasheet HTML 2Page - First Silicon Co., Ltd FA432AS Datasheet HTML 3Page - First Silicon Co., Ltd FA432AS Datasheet HTML 4Page - First Silicon Co., Ltd FA432AS Datasheet HTML 5Page - First Silicon Co., Ltd FA432AS Datasheet HTML 6Page - First Silicon Co., Ltd FA432AS Datasheet HTML 7Page - First Silicon Co., Ltd FA432AS Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FA432/S/F
2012. 09. 24
8/8
Revision No : 3
Soldering Methods
1. Storage environment: Temperature=10oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP
3
<
)
o
3
<
c
e
s
/
C
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100oC
150oC
60~120 sec
150oC
200oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3oC/sec
<3oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183oC
60~150 sec
217oC
60~150 sec
Peak Temperature (TP
0
4
2
)
oC +0/-5o
0
6
2
C
oC +0/-5oC
Time within 5oC of actual Peak
Temperature (tP)
c
e
s
0
4
~
0
2
c
e
s
0
3
~
0
1
6
<
e
t
a
R
n
w
o
d
-
p
m
a
R
o
6
<
c
e
s
/
C
oC/sec
Time 25o
s
e
t
u
n
i
m
8
<
s
e
t
u
n
i
m
6
<
e
r
u
t
a
r
e
p
m
e
T
k
a
e
P
o
t
C
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245oC 5o
c
e
s
5
C
1sec
0
6
2
.
s
e
c
i
v
e
d
e
e
r
F
-
b
P
oC +0/-5oC
5sec 1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com