Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1817IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LT1817IGN
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1817IGN Datasheet HTML 11Page - Linear Technology LT1817IGN Datasheet HTML 12Page - Linear Technology LT1817IGN Datasheet HTML 13Page - Linear Technology LT1817IGN Datasheet HTML 14Page - Linear Technology LT1817IGN Datasheet HTML 15Page - Linear Technology LT1817IGN Datasheet HTML 16Page - Linear Technology LT1817IGN Datasheet HTML 17Page - Linear Technology LT1817IGN Datasheet HTML 18Page - Linear Technology LT1817IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1815
LT1816/LT1817
181567fa
TYPICAL APPLICATIO S
1/2 LT1816
220pF
VIN
665
Ω
232
Ω
47pF
232
Ω
1/2 LT1816
470pF
181567 TA05
VOUT
562
Ω
274
Ω
22pF
274
Ω
Photodiode Transimpedance Amplifier
4MHz, 4th Order Butterworth Filter
–
+
LT1815
4.75k
1pF
1pF
–5V
PHOTODIODE
SIEMENS/
INFINEON
SFH213
–5V
181567 TA04
5V
0.01
µF
OUTPUT OFFSET
≤1mV TYPICAL
BANDWIDTH = 30MHz
10% TO 90% RISE TIME = 22ns
OUTPUT NOISE (20MHz BW) = 300
µVP-P
4.75k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com