Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD-NBA Datasheet(PDF) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD-NBA
Description  LCD Module User Manual
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD-NBA Datasheet(HTML) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT032DNAFWD-NBA Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD-NBA
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-NBA-Manual-Rev0.3.doc
Page: 16 of 18
8. Optical Characteristics
Item
Symbol
Condition
MIN.
TYP.
MAX.
UNIT
Note.
Brightness
Bp
-
-
-
Cd/m2
Note 1
Uniformity
△
Bp
θ=0°
Φ
=0°
80%
-
-
-
Note 1,2
θ=0
o
-
45
-
θ=90
o
-
45
-
θ=180
o
-
20
-
Viewing
Angle
θ=270
o
Cr≥10
-
45
-
Deg
Note 3
Contrast ratio
CR
-
500
-
-
Note 4
Ton
msec
Response Time
Toff
θ=0
o
Φ
=0°
25℃
-
25
40
msec
Note 5
X
0.255
0.305
0.355
-
White
Y
0.275
0.325
0.375
-
X
0.576
0.626
0.676
-
Red
Y
0.284
0.334
0.384
-
X
0.227
0.277
0.327
-
Green
Y
0.499
0.549
0.599
-
X
0.092
0.142
0.192
-
Color of
CIE
Coordinate
Blue
Y
0.072
0.122
0.172
-
NTSC Ratio
S
θ=0°
Φ
=0°
-
60%
Note 1,6
Note:The parameter is slightly changed by temperature, driving voltage and materiel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com