Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD-NBA-2 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD-NBA-2
Description  LCD Module User Manual
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD-NBA-2 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT032DNAFWD-NBA-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD-NBA-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD-NBA-2
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-NBA-2-Manual-Rev0.1.doc
Page: 4 of 18
3. Terminal Functions
3.1
Interface
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
2
VSS
P
Power Ground (0V)
3
BLEN
I
BLEN=L, backlight Off
BLEN=H, backlight On
4
VDD
5
VDD
P
Positive Power Supply
6
/RD
I
/WR=H, /RD=L;
Data or Status read form the LCD module
7
/WR
I
/WR=LH, RD=H;
Data or Instruction latch into the LCD module
8
D/C
I
Register Select
D/C = H, Transferring the Display Data
D/C = L, Transferring the Control Data
9
/CS
I
Chip Select
/CS=L, enable access to the LCD interface
/CS=H, disable access to the LCD interface
10
D0
I
Data Input
:
:
:
:
17
D7
I
Data Input
18
/RES
I
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
19
FMARK
O
Displaying Timing Frame Signal
20
NC
-
-
3.2
Touch Panel Terminal
Pin No.
Pin Name
I/O
Descriptions
1
YU
Passive
y-axis upper side
2
XL
Passive
x-axis left side
3
YD
Passive
y-axis down side
4
XR
Passive
x-axis right side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com