Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ASG402-2000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EB-ASG402-2000
Description  DC-3000 MHz SiGe HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EB-ASG402-2000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EB-ASG402-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
www.ASB.co.kr Mar.. 2004
1) S11 & S22 can be improved, at a specific frequency, by moving
an input shunt capacitor (C2) along an input transmission line.
2) OIP3 is measured with two tones at an output power of +14 dBm/tone
separated by 1 MHz.
50
Ω
C2=1.8 pF
C1= 1.0 pF
R2=1.2 k
Ω
L2= 6.8 nH
C3=100 pF
Vs=8 V
RF IN
RF OUT
4.5 mm
C6=
100 pF
C7=
1000 pF
C8=
1
µF
L3=33 nH
50
Ω
4.5 mm
C5=1
µF
L1= 100 nH
ASG402
C4=2.2 pF
R3=300
Ω
R1=7.5
Ω
Application Circuit: 2000 MHz
Typical Performance
ASG402
Frequency
2000 MHz
Magnitude S21
9 dB
Magnitude S11
1)
-15dB
Magnitude S22
1)
-14 dB
Output P1dB
28 dBm
Output IP3
2)
44 dBm
Noise Figure
5.0 dB
Device Operating Voltage
6 V
Current
275 mA
Supply Voltage
8 V
Schematic
S-parameters
Gain vs. Temperature
1700
1800
1900
2000
2100
2200
2300
-50
-40
-30
-20
-10
0
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
1700
1800
1900
2000
2100
2200
2300
-30
-25
-20
-15
-10
-5
+ 85
oC
+ 25
oC
- 40
oC
Frequency ( MHz )
Board Layout (FR4, 40x40 mm
2, 0.8T)
-60
-40
-20
0
20
40
60
80
100
5
6
7
8
9
10
11
12
13
Frequency = 2GHz
Temperature (
oC )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com