Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT040DNPFWD Datasheet(PDF) 21 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT040DNPFWD
Description  Preliminary Specification
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT040DNPFWD Datasheet(HTML) 21 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT040DNPFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd LMT040DNPFWD Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
No
Item
Model (Material)
Dimensions(mm)
Unit
Weight(Kg)
Quantity
Remark
1
LCM module
L MT040DNPFWD 74.92x42.74x2.6
0.0332
210
2
Tray
PET(Transmit) 485×330×13.8
0.161
24
3.
Anti-Static Bag
PE
700×545
0.05
1
4
BOX
Corrugated Paper 520×345×74
0.44
3
5
Desiccant
Desiccant
45×50
0.0035
6
6
EPE
EPE
485×335×5
0.019
3
7
Carton
Corrugated Paper 544×365×250
0.76
1
8
Total weight
13.05±5%
Model No:
LMT040DNPFWD
9 Packing drawing
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 21 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com