Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2529L Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # SE2529L
Description  RangeCharger 2.4GHz Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2529L Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

Back Button SE2529L Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2529L Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SE2529L
RangeCharger™ 2.4GHz Power Amplifier
63-DST-01 Rev 2.0 Nov 9/03
7 of 10
Typical Performance Characteristics
The graphs below represent the performance of the SE2529L on the SE2529L-EV1 evaluation board that is matched
for optimal full-rate 54Mbps, 802.11g EVM performance. Vbb set point (2.9V) is also chosen for optimum 802.11g
mode performance levels.
CW Input Power Sweep
0
5
10
15
20
25
30
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
Input Power (dBm)
100
175
250
325
400
475
Pout [dBm]
Icc [mA]
Harmonics vs Output Power
-80
-75
-70
-65
-60
-55
-50
16
18
20
22
24
Output Power (dBm)
2H
3H
4H
5H
802.11G EVM (%) vs. Output Power
0
1
2
3
4
5
6
7
14
15
16
17
18
19
20
21
22
Output Power (dBm)
3.0 V
3.3 V
3.6 V
802.11G ACPR vs. Output Power
-60
-55
-50
-45
-40
-35
-30
-25
-20
12
13
14
15
16
17
18
19
20
Output Power (dBm)
ACPR-g11
ACPR-g20
ACPR-g30
802.11B ACPR-CH1 vs. Output Power
-40
-38
-36
-34
-32
-30
-28
-26
19
20
21
22
23
24
25
26
Output Power (dBm)
3.0 V
3.3 V
3.6 V
802.11B ACPR-CH2 vs. Output Power
-65
-60
-55
-50
-45
-40
-35
19
20
21
22
23
24
25
26
Output Power (dBm)
3.0 V
3.3 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com