Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311N2 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST72311N2
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311N2 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST72311N2 Datasheet HTML 79Page - STMicroelectronics ST72311N2 Datasheet HTML 80Page - STMicroelectronics ST72311N2 Datasheet HTML 81Page - STMicroelectronics ST72311N2 Datasheet HTML 82Page - STMicroelectronics ST72311N2 Datasheet HTML 83Page - STMicroelectronics ST72311N2 Datasheet HTML 84Page - STMicroelectronics ST72311N2 Datasheet HTML 85Page - STMicroelectronics ST72311N2 Datasheet HTML 86Page - STMicroelectronics ST72311N2 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
83/94
ST72311
PERIPHERAL CHARACTERISTICS (Cont’d)
Serial Peripheral Interface
Ref.
Characteristics
Configuration
Symbol
Value
Unit
Min.
Max.
SPI Frequency
Master
fSPI(m)
fCPU
Slave
fSPI(s)
dc
fCPU
1
Cycle Time
Master
tCYC(m)
4
500
CC
ns
Slave
tCYC(s)
2
250
CC
ns
2
Enable Lead Time
Master
tLEAD(m)
ns
Slave
tLEAD(s)
120
ns
3
Enable Lag time
Master
ns
Slave
120
ns
4
Clock (SCK)High Time
Master
tW(SCKH)
100
ns
Slave
tW(SCKH)
90
ns
5
Clock (SCK) Low Time
Master
tW(SCKL)
100
ns
Slave
tW(SCKL)
90
ns
6
Data Set-up Time
Master
tSU(m)
100
ns
Slave
tSU(s)
100
ns
7
Data Hold Time (Inputs)
Master
tH(m)
100
ns
Slave
tH(s)
100
ns
8
Access Time (Time to Data Active
from High Impedance State)
Slave
tA
0
120
ns
9
Disable Time (Hold Time to High
Impedance State)
Slave
tDIS
240
ns
10
Data Valid
Master (Before Capture
Edge)
tV(m)
0.25
tCYC(m)
Slave (After Enable Edge)
tV(s)
120
ns
11
Data Hold Time (Outputs)
Master (Before Capture
Edge)
tHO(m)
0.25
tCYC(m)
Slave (After Enable Edge)
tHO(s)
0ns
12
Rise Time (20% VDD to 70% VDD,
CL = 200pF)
SPI Outputs (SCK, MOSI,
MISO)
tRM
100
ns
SPI Inputs (SCK, MOSI, MI-
SO, SS)
tRS
2.0
µs
13
Fall Time (70% VDD to 20% VDD, CL
= 200pF)
SPI Outputs (SCK, MOSI,
MISO)
tFM
100
ns
SPI Inputs (SCK, MOSI, MI-
SO, SS)
tFS
2.0
µs
1
128
----------
1
4
---
1
2
---
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com