Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF110PFWLPES Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MBF110PFWLPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFWLPES Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MBF110PFWLPES Datasheet HTML 3Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 4Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 5Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 6Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 7Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 8Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 9Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 10Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Pr
eliminar
y
MBF110
Fujitsu Microelectronics, Inc.
3
MBF110 Connection Diagram
16, 23, 28
VSS
Ground
Digital ground
4, 5
VSSA
(Center)
Analog ground
29
XTAL1
Input
Input to the On-Chip
Oscillator
To use the internal oscillator connect a crystal circuit to this pin. If an external oscilla-
tor is used, its output is connected to this pin. XTAL1 is the clock source for internal
timing.
30
XTAL2
Output
Output of the On-Chip
Oscillator
To use the internal oscillator connect a crystal circuit to this pin. If an external oscilla-
tor is used, leave XTAL2 unconnected.
41-80
GNDSHLD
Shield Ground
Connected to Package Top
Plate
These pins should connect to chassis ground.
2, 6-12
N/A
N/A
Not connected.
MBF110 Pin Information for SOP (VSPA) 80/1 (Continued)
Pin
Number
Pin
Name
Type
Description
Notes
VDDA
Reserved
SETCUR
VSSA
VSSA
Unconnected
Unconnected
Unconnected
Unconnected
Unconnected
Unconnected
Unconnected
TEST
LED2
LED1
VSS
VSS
VSS
WR-
D7
D6
VDD
VDD
D5
D4
D3
D2
D1
D0
XTAL1
XTAL2
ENCLK
CLKOUT
A3
A2
A1
A0
CE1-
CE2
RD-
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
GNDSHLD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com