Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF110PFW1LPES Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MBF110PFW1LPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFW1LPES Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MBF110PFW1LPES Datasheet HTML 9Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 10Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 11Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 12Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 13Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 14Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 15Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 16Page - fujitsu semiconductor MBF110PFW1LPES Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Pr
eliminar
y
MBF110
Fujitsu Microelectronics, Inc.
9
Power Supply Characteristics
(VDD = 5.5V, fOSC=40 MHz Standard Temperature Range)
Note: Analog supply currents are independent of fOSC
Note: XTAL2 & CLKOUT driving CLOAD = 50pF
Power Supply Characteristics
VDD = 3.6V, Commercial Temperature Range, fOSC = 20 MHz
Note: Analog supply currents are independent of fOSC
Note: XTAL2 & CLKOUT driving CLOAD = 50 Pf
Symbol
Parameter
Test Conditions
Typ
Max
Unit
LP
STD
LP
STD
IDD1
Digital Supply Current
Power down with CLKOUT disabled, (DTR bit 7 = 1, ENCLK = 0)
<1
100
50
100
µA
IDD2
Power down with CLKOUT enabled.
( DTR bit 7 = 1, ENCLK = 1)
17
20
20
25
mA
IDD3
Idle with CLKOUT disabled.
(DTR bit 7 = 0, ENCLK = 0)
8
101215
mA
IDD4
Idle with CLKOUT enabled.
( DTR bit 7 = 0, ENCLK = 1)
17
20
20
25
mA
IDD5
Active A/D conversion with CLKOUT disabled.
(DTR bit 7 = 0, ENCLK = 0)
15
20
25
30
mA
IDD6
Active A/D conversion with CLKOUT enabled.
(DTR bit 7 = 0, ENCLK = 1)
25
30
30
35
mA
IDDA
Analog Supply Current
Power down with CLK disabled or enabled.
(DTR bit 7 = 1)
<10
<100
50
1000
µA
IDLE with CLKOUT disabled or enabled,
(DTR bit 7 = 0)
15
20
22
25
mA
Active A/D conversion with CLKOUT disabled or enabled. (DTR bit 7 = 0)
18
22
26
30
mA
Symbol
Parameter
Test Conditions
Typ
Max
Unit
LP
STD
LP
STD
IDD1
Digital Supply Current
Power down with CLKOUT disabled.
(VDD = max, fOSC = max, DTR bit 7 = 1, ENCLK = 0)
<1
<10
50
100
µA
IDD2
Power down with CLKOUT enabled.
(VDD = max, fOSC = max, DTR bit 7 = 1, ENCLK = 1)
6
101015
mA
IDD3
Idle with CLKOUT disabled.
(VDD = max, fOSC = max, DTR bit 7 = 0, ENCLK = 0)
3
5
6
10
mA
IDD4
Idle with CLKOUT enabled.
(VDD = max, fOSC = max, DTR bit 7 = 0, ENCLK = 1)
6
101015
mA
IDD5
Active A/D conversion with CLKOUT disabled.
(VDD = max, fOSC = max, DTR bit 7 = 0, ENCLK = 0)
6
10
10
15
mA
IDD6
Active A/D conversion with CLKOUT enabled.
(VDD = max, fOSC = max, DTR bit 7 = 0, ENCLK = 1)
9
131318
mA
IDDA
Analog Supply Current
Power down with CLK disabled or enabled.
(VDDA = max, DTR bit 7 = 1)
<2
<10
50
1000
µA
IDLE with CLKOUT disabled or enabled, (DTR bit 7 = 0)
10
15
15
20
mA
Active A/D conversion with CLKOUT disable or enable. (DTR bit 7 = 0)
12
15
18
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com