Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMCS1100 Datasheet HTML 17Page - Texas Instruments TMCS1100 Datasheet HTML 18Page - Texas Instruments TMCS1100 Datasheet HTML 19Page - Texas Instruments TMCS1100 Datasheet HTML 20Page - Texas Instruments TMCS1100 Datasheet HTML 21Page - Texas Instruments TMCS1100 Datasheet HTML 22Page - Texas Instruments TMCS1100 Datasheet HTML 23Page - Texas Instruments TMCS1100 Datasheet HTML 24Page - Texas Instruments TMCS1100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Ambient Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
10
15
20
25
30
35
D012
21
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.1.2 Safe Operating Area
The isolated input current safe operating area (SOA) of the TMCS1100 is constrained by input conductor thermal
dissipation causing die junction temperature to exceed maximum TJ rating of 150°C. Continuous current
capability refers to the ability of the device to conduct a given dc or rms current (if a periodic or ac waveform)
continuously through the device at a given ambient temperature. The TMCS1100 can tolerate much higher
transient short-duration currents, which are limited by different thermal mechanisms, such as fusing of the
leadframe. These mechanisms depend on pulse duration, amplitude, and device thermal states.
Current capability for both rms and short-duration pulses depend on the thermal environment and design of the
system-level board. All thermal and SOA ratings are for a single TMCS1100 device on the TMCS1100EVM, with
no air flow in the specified ambient temperature conditions. Device use profiles must satisfy both continuous
conduction and short-duration transient SOA capabilities for the thermal environment under which the system will
be operated.
10.1.2.1 Continuous-Current Capability
The continuous-current capability of the TMCS1100 is constrained by the maximum junction temperature
because of the power dissipation in the input conductor and die. Multiple thermal variables control the transfer of
heat from the device to the surrounding environment, including air flow, ambient temperature, and PCB
construction and design. The longest thermal time constants of the device packaging and board are on the order
of seconds; therefore, any continuous periodic waveform with a frequency higher than 1 Hz can be evaluated
based on the rms continuous-current level.
The continuous-current capability is thermally constrained; therefore, the capability of the device varies across
the operating ambient temperature range.Figure 10 shows the maximum current-handling capability of the device
on the TMCS100EVM. Current capability falls off at higher ambient temperatures because of the reduced thermal
transfer from junction-to-ambient and a leadframe positive temperature coefficient that causes increased power
dissipation. By improving the thermal design of an application the SOA can be extended to higher currents at
elevated temperatures. Using larger and heavier copper power planes, providing air flow over the board, or
adding heat sinking structures to the area of the device can all improve thermal performance.
Figure 10. Maximum Continuous RMS Current vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com