Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 10Page - Texas Instruments TMP6131DECT Datasheet HTML 11Page - Texas Instruments TMP6131DECT Datasheet HTML 12Page - Texas Instruments TMP6131DECT Datasheet HTML 13Page - Texas Instruments TMP6131DECT Datasheet HTML 14Page - Texas Instruments TMP6131DECT Datasheet HTML 15Page - Texas Instruments TMP6131DECT Datasheet HTML 16Page - Texas Instruments TMP6131DECT Datasheet HTML 17Page - Texas Instruments TMP6131DECT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
TMP61
SBOS921C – DECEMBER 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Table defined based on 4th order equation:
(2)
Assuming ideal voltage source, 10 kΩ with ±0.01% RBias
Table 6. TMP61 Transfer Table Using a Voltage Divider With an Ideal VBias of 2.5 V and RBias of 10 kΩ
With ±0.01% Tolerance [DYA Package]
TEMPERATURE (°C)
RESISTANCE (Ω)(1)
ΔR/ΔT
(Ω/°C)
TEMPERATURE ERROR(2)
(°C)
MIN
TYP
MAX
–40
6466
6564
6663
43
2.31
–35
6679
6781
6882
44
2.32
–30
6899
7004
7109
45
2.32
–25
7125
7233
7342
47
2.33
–20
7358
7470
7582
48
2.33
–15
7598
7713
7829
49
2.34
–10
7844
7964
8083
51
2.35
–5
8098
8221
8344
52
2.36
0
8401
8486
8571
54
1.58
5
8670
8758
8845
55
1.59
10
8946
9037
9127
57
1.60
15
9230
9324
9417
58
1.61
20
9522
9618
9714
60
1.61
25
9820
9919
10019
61
1.62
30
10127
10229
10331
63
1.63
35
10441
10546
10652
64
1.64
40
10763
10871
10980
66
1.65
45
11093
11205
11317
67
1.66
50
11430
11546
11661
69
1.67
55
11776
11895
12014
71
1.68
60
12130
12253
12376
72
1.69
65
12493
12619
12745
74
1.70
70
12864
12994
13124
76
1.72
75
13176
13377
13577
77
2.59
80
13562
13769
13975
79
2.61
85
13957
14169
14382
81
2.62
90
14360
14579
14797
83
2.64
95
14772
14997
15222
85
2.66
100
15193
15424
15656
86
2.68
105
15623
15861
16099
88
2.70
110
16063
16307
16552
90
2.71
115
16511
16763
17014
92
2.73
120
16969
17227
17486
94
2.75
125
17437
17702
17968
96
2.77
8.4 Device Functional Modes
The device has one mode of operation that applies when operated within the Recommended Operating
Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com