Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM6HT
Description  HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT Datasheet(HTML) 4 Page - STMicroelectronics

  SM6HT Datasheet HTML 1Page - STMicroelectronics SM6HT Datasheet HTML 2Page - STMicroelectronics SM6HT Datasheet HTML 3Page - STMicroelectronics SM6HT Datasheet HTML 4Page - STMicroelectronics SM6HT Datasheet HTML 5Page - STMicroelectronics SM6HT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SM6HT
4/6
Figure 7: Variation of thermal impedance
junction to ambient versus pulse duration
(Printed circuit board FR4 with recommended
pad layout)
Figure 8: Thermal resistance junction to
ambient versus copper surface under each
lead (printed circuit board FR4, e(Cu)=35µm)
Figure 9: Variation of leakage current versus
junction temperature (typical values)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-1
1E+0
1E+1
1E+2
Z
(°C/W)
th(j-a)
t (ms)
p
012345
40
50
60
70
80
90
100
R
(°C/W)
th(j-a)
S(cm²)
25
50
75
100
125
150
175
1E-1
4E-2
1E+0
2E+0
I (µA)
R
T (°C)
j



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com