Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT24A Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM6HT24A
Description  HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT24A Datasheet(HTML) 5 Page - STMicroelectronics

  SM6HT24A Datasheet HTML 1Page - STMicroelectronics SM6HT24A Datasheet HTML 2Page - STMicroelectronics SM6HT24A Datasheet HTML 3Page - STMicroelectronics SM6HT24A Datasheet HTML 4Page - STMicroelectronics SM6HT24A Datasheet HTML 5Page - STMicroelectronics SM6HT24A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SM6HT
5/6
Figure 10: SM
B Package Mechanical Data
Figure 11: Foot Print Dimensions (millimeters)
E
C
L
E1
D
A1
A2
b
1.52
2.75
2.3
1.52
Table 5: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
SM6HTxxx
See page 2
SMB
0.107 g
2500
Tape & reel
Table 6: Revision History
Date
Revision
Description of Changes
Apr-1999
4A
Last update.
26-Jan-2005
5
Figure 9 on page 4: leakage current improved.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com