Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX26F011A-5V-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # NX26F011A-5V-R
Description  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F011A-5V-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button NX26F011A-5V-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NX26F011A-5V-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NX26F011A
NX26F041A
12
NexFlash Technologies, Inc.
PRELIMINARY NXSF009A-0599
05/05/99 ©
PACKAGE INFORMATION
Plastic TSOP - 28-pin
Package Code: V (Type I)
Notes:
1. Controlling dimension: millimeters, unless
otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E do not include mold
flash protrusions and should be measured
from the bottom of the package.
4. Formed leads shall be planar with respect
to one another within 0.004 inches at the
seating plane.
Plastic TSOP (T—Type I)
Millimeters
Inches
Symbol
Min
Max
Min
Max
Ref. Std.
No. Leads
28
A
1.00
1.20
0.039
0.047
A1
0.05
0.20
0.002
0.008
B
0.15
0.25
0.006
0.010
C
0.10
0.20
0.004
0.008
D
7.90
8.10
0.311
0.319
E
11.60
11.80
0.457
0.465
H
13.30
13.50
0.524
0.531
e
0.55 BSC
0.022 BSC
L
0.50
0.70
0.020
0.028
α
0°
5°
0°
5°
D
SEATING PLANE
B
e
C
1
E
A1
H
L
α
N
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com