Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX26F041A-3V-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # NX26F041A-3V-R
Description  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F041A-3V-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NX26F041A-3V-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NX26F041A-3V-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
NexFlash Technologies, Inc.
13
PRELIMINARY NXSF009A-0599
05/05/99 ©
NX26F011A
NX26F041A
ORDERING INFORMATION
Size
Order Part No.
Package/Description (2)
1M-bit
NX26F011A-3V-R (1)
NXS, 28-pin, TSOP (Type I)
≤≤≤≤≤32 RS, 3V Low Voltage
1M-bit
NX26F011A-5V-R (1)
NXS, 28-pin, TSOP (Type I)
≤≤≤≤≤32 RS, 5V Standard Voltage
4M-bit
NX26F041A-3V-R
NXS, 28-pin, TSOP (Type I)
≤≤≤≤≤32 RS, 3V Low Voltage
4M-bit
NX26F041A-5V-R (1)
NXS, 28-pin, TSOP (Type I)
≤≤≤≤≤32 RS, 5V Standard Voltage
Notes:
1. Add E (Extended) or I (Industrial) after package designator (V) for alternative temperature
grades.
2. See 26Mxxx data sheet for Serial Flash Module package.
PRELIMINARY DESIGNATION
The “Preliminary” designation on an
NexFlash data sheet
indicates that the product is not fully characterized. The
specifications are subject to change and are not guaran-
teed.
NexFlash or an authorized sales representative should
be consulted for current information before using this
product.
IMPORTANT NOTICE
NexFlash reserves the right to make changes to the
products contained in this publication in order to improve
design, performance or reliability.
NexFlash assumes no
responsibility for the use of any circuits described herein,
conveys no license under any patent or other right, and
makes no representation that the circuits are free of patent
infringement. Charts and schedules contained herein
reflect representative operating parameters, and may vary
depending upon a user’s specific application. While the
information in this publication has been carefully checked,
NexFlash shall not be liable for any damages arising as a
result of any error or omission.
LIFE SUPPORT POLICY
NexFlash does not recommend the use of any of its
products in life support applications where the failure or
malfunction of the product can reasonably be expected to
cause failure in the life support system or to significantly
affect its safety or effectiveness. Products are not autho-
rized for use in such applications unless
NexFlash receives
written assurances, to its satisfaction, that:
(a) the risk of injury or damage has been minimized;
(b) the user assumes all such risks; and
(c) potential liability of
NexFlash is adequately protected
under the circumstances.
Trademarks:
NexFlashTM is a trademark of NexFlash Technologies, Inc.
All other marks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com