Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT43A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM6HT43A
Description  HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT43A Datasheet(HTML) 1 Page - STMicroelectronics

  SM6HT43A Datasheet HTML 1Page - STMicroelectronics SM6HT43A Datasheet HTML 2Page - STMicroelectronics SM6HT43A Datasheet HTML 3Page - STMicroelectronics SM6HT43A Datasheet HTML 4Page - STMicroelectronics SM6HT43A Datasheet HTML 5Page - STMicroelectronics SM6HT43A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
SM6HT
HIGH TEMPERATURE TRANSIL™
FOR AUTOMOTIVE APPLICATIONS
REV. 5
SMB
(JEDEC DO-214AA)
January 2005
FEATURES
■ High performance TRANSIL designed to fit
high temperature environment like automotive
applications
■ High reliability planar technology
■ High performance in voltage regulation mode
■ Very low leakage current:
IR max. = 5µA @ Tamb = 150°C
■ Peak pulse power: 600W (10/1000µs)
■ Fast response time
■ Unidirectinal type
■ Low clamping factor
DESCRIPTION
This high performance Transil series has been de-
signed to fit high temperature environment such as
automotive applications, using surface mount
technology. These devices are using high reliabil-
ity planar technology resulting in high performanc-
es in voltage regulation mode and low leakage
current at high temperature.
Table 2: Absolute Maximum Rating (Tamb = 25°C)
Table 3: Thermal Resistances
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 50°C
5W
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10 ms
Tj initial = Tamb
75
A
Tstg / Tj Storage and operating junction temperature range
-65 to 175
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1: for a surge greater than the maximum values, the diode will fail in short-circuit.
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a) Junction to ambient on printed circuit on recommended pad layout
100
°C/W
Table 1: Order Codes
Part Number
Marking
SM6HTxxx
See page 2


Similar Part No. - SM6HT43A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HT43A STMICROELECTRONICS-SM6HT43A Datasheet
53Kb / 5P
HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
Apr-1999
More results

Similar Description - SM6HT43A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HTXXA STMICROELECTRONICS-SM6HTXXA Datasheet
53Kb / 5P
HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
Apr-1999
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
High junction temperature Transil?
01-Sep-2011
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
High junction temperature Transil?
September 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com