Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29PS Datasheet(PDF) 3 Page - Texas Instruments

Part # 29PS
Description  25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

29PS Datasheet(HTML) 3 Page - Texas Instruments

  29PS Datasheet HTML 1Page - Texas Instruments 29PS Datasheet HTML 2Page - Texas Instruments 29PS Datasheet HTML 3Page - Texas Instruments 29PS Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Standard Fittings, others are available
†Normally open contact on double throw switch is rated 5.8/2.9 Amps.
Contact Marketing for additional product information.
1/4-18 NPTF-1A
.83
(21)
.27(6.9)
.40 (10.2) MIN.
TH’D. LG.
9/16 (14.3) HEX
1/8-27 NPTF-1A
.63
(16)
.27 (6.9)
.26 (6.6) MIN.
TH’D LG.
9/16 (14.3) HEX
9/16 (14.3) HEX
7/16-20 UNF-2B
.09 (2.3) DIA.
.53
(13.5)
.26 (6.6) MIN.
TH’D LG.
.36
(9.1)
.375
(9.5)
.093 DIA.
(2.4)
.250 DIA.
(6.4)
.9 MIN.
(22.9)
.093 DIA.
(2.4)
.093 DIA.
(2.4)
.250
(6.4)
.9 MIN.
(22.9)
.098±.002 DIA.
.105±.003 DIA.
.172±.005 DIA.
(2.5±0.05)
(2.7±0.07)
(4.4±0.13)
.56 DIA.
(14.3)
1.27±.02
(32.3±0.51)
.275±.002
(7±0.05)
2.074±.030
(52.68±0.76)
A
B
C
.77/.73
(19.6/18.5)
.4245/.4193 DIA.
(10.782/10.650)
M10 X 1.25
Female O-ring
.080/.100 DIA.
(2.03/2.54)
.417/.402
(10.59/10.21)
.496 (12.6)
MIN.
FULL TH’D
1/4” Male Pipe Thread
1/8” Male Pipe Thread
1/4” Female Flare with Deflator
Capillary Tube Fitting (3 Configurations)
Tube Fitting (4 Configurations)
Female O-Ring
.125 (3.2)
.205±.010
(5.2±0.3)
.234-.238
(6)
.145±.010
(3.7±0.25)
.197 DIA.
(5)
A
B
C
D
.370±.010
(9.4±0.3)
.250 DIA.
(6.4)
.250 DIA.
(6.4)
.140±.010
(3.5±0.3)
Complete Product Directory of Texas Instruments Hermetic Pressure Switches
Narrow differential, tight tolerance
Dry circuit capability, extended life cycle
Dry circuit capability, extended life cycle
Narrow differential, tight tolerance
Extended life cycle
High current loads
High current loads
Extended life cycles at high current
Extended life cycles, sealed configuration
High current in sealed configuration
High current loads
Trip free manual reset
Narrow differential, tight tolerance
Small, lightweight
High current loads
Extended life cycles
Extended life cycles, sealed configuration
High current in sealed configuration
Extended cycle life†
Extended cycle life at high voltage
High voltage capability
Extended cycle life†
36PS
39PS
41PS
25PS
42PS
44PS
45PS
20PS
29PS
36PS
PS80
25PS
42PS
44PS
45PS
46PS
44PS
45PS
46PS
Auto Reset
Auto Reset
Auto reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Manual Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
Auto Reset
SPST
SPST
SPST
SPST
SPST
SPST
SPST, SPDT
SPST, SPDT
SPST, SPDT
SPST, SPDT
SPST
SPST
SPST
SPST
SPST, SPDT†
SPST, SPDT
SPST, SPDT†
SPST, SPDT†
SPST, SPDT†
SPST
SPST
SPST
5-28 Vdc
5-28 Vdc
5-28 Vdc
5-28 Vdc
5-28 Vdc
5-28 Vdc
28 Vdc
28 Vdc
28 Vdc
28 Vdc
120/240 Vac
120/240 Vac
120/240 Vac
240 Vac
120/240 Vac
120/240 Vac
120/240 Vac
120/240 Vac
120/240 Vac
480/600 Vac
480/600 Vac
480 Vac
5-400 mA
5-400 mA
5-400 mA
400 mA-2 A
400 mA-2 A
400 mA-2 A
15 A
15 A
15 A
15 A
5.8/2.9 A
6.0/2.9 A
5.8/2.9 A
6.0 A
13/10 A
13/10 A
13/10 A
13/10 A
13/10 A
4.0/3.2 A
4.0/3.2 A
2 A
1,000
>250
>100
250
250
250
100
250
250
100
100
10
100
100
100
250
250
100
1,000+
250
100
1,000+
Model
Switch
Operation
Switch
Configuration
Application
Voltage
Electrical
Current
Switch
Life Cycles
(K)
Features
DC Voltage (<28V), Low Current
DC Voltage (<28V), High Current
AC Voltage (<240V), Low Current
AC Voltage (<240V), High Current
High AV Voltage (<600V), High Current
36PS
40PS
20PS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com