Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FSU Datasheet(PDF) 17 Page - STMicroelectronics

Part # M28W320FSU
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FSU Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M28W320FSU Datasheet HTML 13Page - STMicroelectronics M28W320FSU Datasheet HTML 14Page - STMicroelectronics M28W320FSU Datasheet HTML 15Page - STMicroelectronics M28W320FSU Datasheet HTML 16Page - STMicroelectronics M28W320FSU Datasheet HTML 17Page - STMicroelectronics M28W320FSU Datasheet HTML 18Page - STMicroelectronics M28W320FSU Datasheet HTML 19Page - STMicroelectronics M28W320FSU Datasheet HTML 20Page - STMicroelectronics M28W320FSU Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17/49
M28W320FSU, M28W640FSU
Table 7. Program, Erase Times and Program/Erase Endurance Cycles
Parameter
Test Conditions
M28W320FSU, M28W640FSU
Unit
Min
Typ
Max
Word Program
VPP = VDD
10
200
µs
Double Word Program
VPP = VPPH or
VPP = VDD
10
200
µs
Quadruple Word Program
VPP = VPPH
10
200
µs
Block Program
Using Word
Program command
VPP = VDD
0.64
5
s
Using Double Word
Program command
VPP = VPPH or
VPP = VDD
0.32
s
Using Quadruple
Word Program
command
VPP = VPPH
0.16
s
Block Erase
VPP =VPPH or
VPP = VDD
110
s
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com