Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B22 Datasheet(PDF) 1 Page - Analog Devices

Part # 7B22
Description  Isolated High Level Voltage Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B22 Datasheet(HTML) 1 Page - Analog Devices

  7B22 Datasheet HTML 1Page - Analog Devices 7B22 Datasheet HTML 2Page - Analog Devices 7B22 Datasheet HTML 3Page - Analog Devices 7B22 Datasheet HTML 4Page - Analog Devices 7B22 Datasheet HTML 5Page - Analog Devices 7B22 Datasheet HTML 6Page - Analog Devices 7B22 Datasheet HTML 7Page - Analog Devices 7B22 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated High Level Voltage Output
7B22
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Unity gain single-channel signal conditioning output
module.
Interfaces and filters a +10 V input signal and provides an
isolated precision output of +10V.
All 7B22 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost
and a wide output voltage range for a variety of applications
including process control and factory-floor environments. The
single-channel 7B modules accept inputs from a range of
transducers and are fully rated over the extended -40oC to
+85oC industrial temperature range.
All 7B Series modules are rated for a nominal power supply
input of +24 VDC; and, for maximum flexibility, they will
accept supply voltages in the +14 VDC to +35 VDC range. The
input modules, with the exception of the 7B21, provide a high-
level output voltage that is factory configured for either the +1
V to +5 V or 0 V to +10 V range. The 7B21 is a unity gain,
isolated input module with an input/output range of +10V.
Output modules are available that provide either isolated
process current or isolated bipolar voltage output. Model 7B39
converts either a +1 V to +5 V input to a 4 to 20 mA output or a
0 V to +10 V input to a 0-20 mA output. The input/output
ranges of the 7B39 are factory configured. The 7B22 is a unity
gain module that provides an isolated +10V output signal. All
modules have a universal pin-out and may be readily hot-
swapped under full power without disrupting field wiring.
Each module accepts analog transducer signals and transfers
them to a process control or factory data collection system
without the inherent noise, non-linearity, drift and extraneous
voltages which frequently accompany the signals.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 7B22 Functional Block Diagram
The modules feature a maximum nonlinearity of +0.02% and
are factory calibrated to guarantee a maximum accuracy
specification of +0.1%.
The 7B Series offers up to 1500 V rms continuous common
mode voltage isolation and 120 V rms of field wiring input
protection. The power supplies necessary to drive each of the
individual module’s input circuitry are internally isolated,
enabling the 7B Series modules to offer true channel-to-channel
isolation of the input signals.
The modules directly accept analog signals from
thermocouples, RTDs, current loop powered transmitters, and
other process control signals. The 7B Series modules amplify,
linearize, isolate, protect and convert the transducer output
signals to standardized analog inputs for high-level analog I/O
subsystems. The 7B Series Subsystem consists of 19-inch rack-
compatible hardware (model AC 1363), with universal
mounting backplane and a family of plug-in (up to 16 per
backplane) input and output signal conditioning modules. Four-
, eight-, and sixteen-channel backplanes are available. Each
backplane incorporates screw terminals for easy power
connections and field wiring, and includes a 25-pin D-type
connector for interfacing the high-level single-ended voltage
outputs to the user’s equipment. Gold-plated sockets are
provided on each channel of the backplane to ensure the
reliability of each module’s electrical connection.


Similar Part No. - 7B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B22 AD-7B22_15 Datasheet
535Kb / 8P
Isolated High Level Voltage Output
REV. 0
More results

Similar Description - 7B22

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
Class-H high-output voltage level line driver
1998 Oct 16
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
Class-H high-output voltage level line driver
1998 Oct 16
logo
Analog Devices
7B21 AD-7B21 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
logo
Texas Instruments
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
logo
Tyco Electronics
1350-2A-100.0 MACOM-1350-2A-100.0 Datasheet
320Kb / 1P
AC Voltage Level Sensor, Relay Output
logo
Texas Instruments
TXS03121 TI-TXS03121_1 Datasheet
451Kb / 12P
COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
logo
Vicor Corporation
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
Isolated output
logo
Analog Devices
7B21 AD-7B21_15 Datasheet
516Kb / 8P
Isolated High Level Voltage Input
REV. 0
7B22 AD-7B22_15 Datasheet
535Kb / 8P
Isolated High Level Voltage Output
REV. 0
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
Isolated output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com