Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Programmable Audible Tower Light Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Supply Voltage and Current
B-TL70 (DC Base):12 V dc to 30 V dc
Maximum current:
250 mA at 12 V dc
110 mA at 30 V dc
B-TL70-Z (Universal AC Voltage Base): 100 V ac to 240 V ac; 50/60 Hz
Maximum current:
65 mA at 120 V ac and 60 Hz
45 mA at 230 V ac and 50 Hz
Supply Protection Circuitry
Protected against transient voltages
Environmental Rating
IEC IP50
Operating Conditions
-20 °C to +50 °C (-4 °F to + 122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Construction
Audible segments and covers–polycarbonate
Vibration and Mechanical Shock
Vibration 10 Hz to 55 Hz 0.5 mm p·p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Alarm
Maximum intensity (typical) at 2.5 KHz:
85 dB at 1 meter
Frequency range: 100 Hz to 6 KHz. Continuous tones of 2 KHz and above,
may sound distorted due to sampling rate
Sampling rate: 12 KHz
Maximum file length: 130 seconds
Flash memory: Only 1 file can be stored in the memory, for playback.
Module is able to be re-programmed multiple times, with new files for
playback.
Repeating continuous file playback; Restarts if power is removed, then
reapplied
Pre-installed file: 2.5 KHz steady tone
For programming use cable USB-USBM-1 or comparable USB to USB mini
cable
Volume adjustment: The volume of a MP3 or WAV file, can be modified to
change the sound intensity, over a limited range. Although Banner does not
promote or publicize any particular audio software, we have found that
Audacity can be easily used to modify existing audio files. Audacity is free,
open source audio software, available for downloading, at the following web
address:
http://www.audacityteam.org/.
Certifications
Dimensions
79.6 mm
[3.13”]
70 mm Dia
[2.76”]
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
TL70 Programmable Audible Tower Light Module
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com