Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Multicolor RGB Tower Light Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Assembly Options
White DIP Switches
1
2
3
4
5
6
Position
Module 1
ON
Module 2
ON
Module 3
ON
Module 4
ON
Module 5
ON
Module 6
ON
Specifications
Supply Voltage and Current
12 V dc to 30 V dc
Maximum current in high intensity mode: 350 mA max. at 12 V dc; 170 mA typical at
24 V dc
Maximum current in low intensity mode: 140 mA max. at 12 V dc; 70 mA typical at 24
V dc
Supply Protection Circuitry
Protected against transient voltages
Indicator Response Time
Off Response: 150 µs (maximum) at 12 V dc to 30 V dc
On Response: 40 ms (maximum) at 12 V dc; 50 ms (maximum) at 30 V dc
Indicator Characteristics
Color
Dominant Wavelength (nm) or
Color Temperature (CCT)
Color Coordinates1
Lumen Output
(Typical at 25 °C)
x
y
Red
622
0.694
0.304
27.4
Green
527
0.177
0.707
69
Yellow
575
0.456
0.489
46.6
Blue
472
0.128
0.080
17.4
Magenta
–
0.371
0.176
24
Cyan
493
0.161
0.347
49.5
White
5600 K
0.310
0.335
40.9
Amber
589
0.542
0.422
39.9
Rose
–
0.497
0.226
26.6
Lime
Green
561
0.369
0.556
53.8
Orange
600
0.606
0.372
35.5
Sky Blue
486
0.146
0.251
41.7
Violet
–
0.222
0.117
21.3
Spring
Green
508
0.166
0.531
62.4
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Construction
Bases, segments, covers: polycarbonate
Leakage Current Immunity
550 µA
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
IEC IP65
Vibration and Mechanical Shock
Vibration 10 Hz to 55 Hz 0.5 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free of charge,
any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or
the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER
PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR
FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by Banner
Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such
purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product information in English supersede that which is
provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
1
Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent color with indicated color coordinates.
TL70 Multicolor RGB Tower Light Module
© Banner Engineering Corp. All rights reserved



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com