Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL50 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # CL50
Description  CL50 Universal AC Voltage Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  CL50 Datasheet HTML 1Page - Banner Engineering Corp. CL50 Datasheet HTML 2Page - Banner Engineering Corp. CL50 Datasheet HTML 3Page - Banner Engineering Corp. CL50 Datasheet HTML 4Page - Banner Engineering Corp. CL50 Datasheet HTML 5Page - Banner Engineering Corp. CL50 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Omni-Directional Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50ZGAOS
CL50ZGAOS3
CL50ZGAOS4
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRAOS
CL50ZRAOS3
CL50ZRAOS4
Red
-
-
CL50ZGRAOS
CL50ZGRAOS3
CL50ZGRAOS4
2
Green
Red
-
CL50ZGRYAOS
CL50ZGRYAOS3
CL50ZGRYAOS4
3
Green
Red
Yellow
5-wire PVC cable
Omni-Directional Sealed Audible Models with Intensity
Adjustment 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50ZGAOSI
CL50ZGAOS3I
CL50ZGAOS4I
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRAOSI
CL50ZRAOS3I
CL50ZRAOS4I
Red
-
-
CL50ZGRAOSI
CL50ZGRAOS3I
CL50ZGRAOS4I
2
Green
Red
-
CL50ZGRYAOSI
CL50ZGRYAOS3I
CL50ZGRYAOS4I
3
Green
Red
Yellow
5-wire PVC cable
Wiring Diagrams
4-Wire
3
Indicator
Color
C2/A
C3/A
C1
4
1
2
100-240V ac
Neutral
Hot
Key
1 = Brown
2 = Blue
3 = Black
4 = White
C1 = Color 1
C2/A = Color 2/
Audible
C3/A = Color 3/
Audible
5-Wire
C2
C3
C1
A
3
4
1
2
5
100-240V ac
Neutral
Hot
Indicator
Color
Key
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
C1 = Color 1
C2 = Color 2
C3 = Color 3
A = Audible
Functional Truth Table
LED Function
Brown Wire
Blue Wire
Black Wire
Color 1 On
Hot
Color 2 On
Hot
Color 3 On
Hot
Color 3 On (color 3 inhibits color 1)
Hot
Hot
Color 2 On (color 2 inhibits color 1)
Hot
Hot
Color 3 On (color 3 inhibits color 2)
Hot
Hot
Color 3 On (color 3 inhibits colors 1 & 2)
Hot
Hot
Hot
CL50 Universal AC Voltage Column Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 169424 Rev. G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com