Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL50CZ Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL50CZ
Description  TL50CZ Compact Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50CZ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL50CZ Datasheet HTML 1Page - Banner Engineering Corp. TL50CZ Datasheet HTML 2Page - Banner Engineering Corp. TL50CZ Datasheet HTML 3Page - Banner Engineering Corp. TL50CZ Datasheet HTML 4Page - Banner Engineering Corp. TL50CZ Datasheet HTML 5Page - Banner Engineering Corp. TL50CZ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications
Supply Voltage and Current
100 to 240 V ac at 50 Hz or 60 HZ
Indicators—maximum current per LED color:
•
60 mA at 100 V ac
•
50 mA at 120 V ac
•
31 mA at 240 V ac
Standard Audible Alarm: 30 mA maximum current
Sealed Audible Alarm: 35 mA maximum current
Omni-Directional Sealed Audible Alarm: 45 mA maximum current
Supply Protection Circuitry
Protected against transient voltages
Input Response Time
Indicator On/Off: 500 milliseconds maximum
Leakage Current Immunity
500 µA
Application Note: The use of relay output PLC is recommended since there
is no leakage current. Solid state output PLCs often have leakage current
above 1 mA and, therefore, turn the light on in the off state. To counteract
the leakage current, a shunt resistor must be used. A resistor must be
applied from the neutral wire of the device to the hot wire of each channel of
the device.
Audible Alarm
Standard Audible Alarm: 2.7 kHz ± 500 Hz oscillation frequency; maximum
intensity 92 dB at 1 m (3.3 ft) (typical)
Sealed Audible Alarm: 2.9 kHz ± 250 Hz oscillation frequency; maximum
intensity 94 dB at 1 m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm: 2.1 kHz ± 250 Hz oscillation
frequency; maximum intensity 99 dB at 1 m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm with Intensity Adjustment: 2.1 kHz
± 250 Hz oscillation frequency; maximum intensity 95 dB at 1 m (3.3 ft)
(typical)
Audible Adjustment
Standard Audible Alarm: Unscrew the cover (up to 1.5 turns maximum) to
adjust the audible intensity. (Do not exceed 1.5 turns or the cover may
detach during operation.) For maximum intensity, rotate the center plug
180° counterclockwise to remove it.
Sealed Audible Alarm and Omni-Directional Sealed Audible Alarm with
Intensity Adjustment: Rotate the front cover until the desired intensity is
reached.
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to
minimum):
•
Standard Audible: 30 dB
•
Sealed Audible: 20 dB
•
Omni-directional Sealed Audible: 12 dB
Operating Conditions
Non-Audible: –40 °C to +50 °C (–40 °F to +122 °F)
Standard and Sealed Audible: –20 °C to +50 °C (–4 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
UL Type 4X Indoor and UL Type 13
Non-Audible and Sealed Audible: IEC IP67
Standard Audible: IEC IP50
Certifications
Indicators
LEDs are independently selected; 1 to 5 colors; 10 color options available
Indicator Characteristics
Color
Dominant Wavelength (nm)
or Color Temperature (CCT)
Color
Coordinates4
Lumen Output
(Typical at 25 °C)
x
y
Green
528 nm
–
–
27.0
Red
625 nm
–
–
9.0
Yellow
590 nm
–
–
6.0
Blue
470 nm
–
–
4.5
Orange
608 nm
–
–
18.5
White
6000 K
–
–
25.0
Turquoise
–
0.19
0.37
6.5
Violet
–
0.20
0.08
3.0
Magenta
–
0.35
0.15
3.5
Sky Blue
–
0.19
0.26
14.5
Connections
4-wire, 5-wire, or 6-wire 2 m (6.5 ft) integral cable; 4-pin or 5-pin 150 mm (6
in) PVC cable with a M12/Euro-style quick disconnectt, depending on model
Models with a quick disconnect require a mating cordset
Construction
Bases and Covers: ABS
Light Segment: Polycarbonate
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm
amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine
wave)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
4
Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent color with indicated color coordinates.
TL50CZ Compact Universal AC Voltage Tower Light
P/N 179187 Rev. H
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com