Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL50ALSQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL50ALSQ
Description  TL50A Audible Indicators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50ALSQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL50ALSQ Datasheet HTML 1Page - Banner Engineering Corp. TL50ALSQ Datasheet HTML 2Page - Banner Engineering Corp. TL50ALSQ Datasheet HTML 3Page - Banner Engineering Corp. TL50ALSQ Datasheet HTML 4Page - Banner Engineering Corp. TL50ALSQ Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Supply Voltage and Current
12 V dc to 30 V dc; or 24 V ac (± 3 V ac) at 50 Hz to 60 Hz
Standard Audible Alarm: 25 mA maximum current
Sealed Audible Alarm: 35 mA maximum current
Omni-Directional Sealed Audible Alarm: 45 mA maximum current
Audible Alarm
Standard Audible Alarm: 2.7 kHz ± 500 Hz oscillation frequency; maximum intensity 92
dB at 1 m (3.3 ft) (typical)
Sealed Audible Alarm: 2.9 kHz ± 250 Hz oscillation frequency; maximum intensity 94
dB at 1m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm: 2.1 kHz ± 250 Hz oscillation frequency;
maximum intensity 99 dB at 1 m (3.3 ft) (typical)
Audible Adjustment
Standard Audible Alarm: Unscrew the cover (up to 1.5 turns maximum) to adjust the
audible intensity (do not exceed 1.5 turns or the cover may detach during operation).
For maximum intensity, rotate the center plug 180° counterclockwise to remove it.
Sealed Audible Alarm and Omni-Directional Sealed Audible Alarm with Intensity
Adjustment: Rotate the front cover until the desired intensity is reached.
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to minimum):
•
Standard Audible Alarm: 30 dB
•
Sealed Audible Alarm: 20 dB
•
Omni-Directional Sealed Audible Alarm: 12 dB
Connections
Integral 4-pin M12/Euro-style quick disconnect, 150 mm (6 in) PVC cable with a M12/
Euro-style quick disconnect, or 2 m (6.5 ft) integral PVC cable, depending on model
Models with a quick disconnect require a mating cordset
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm amplitude, 5
minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine wave)
Operating Conditions
–20 °C to +50 °C (–4 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
UL Type 4X Indoor and UL Type 13
Standard models: IEC IP50
Sealed models: IEC IP67
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
Dimensions
Standard Audible Models
26.9
[1.06]
1/2-14 NPSM
45
[1.77]
ø50
[1.97]
111
[4.37]
19
[0.75]
M30 X 1.5-6 g
2
▲
Sealed Audible Models
19
[0.75]
M30 X 1.5-6 g
93.4
[3.68]
ø45
[1.77]
1/2-14 NPSM
ø50
[1.97]
Omni-Directional Models
ø50
[1.97]
107.5
[4.23]
19.0
[0.75]
M30 X 1.5
M12 X 1-6 g
45.0
[1.77]
1/2-14 NPSM
All measurements are listed in millimeters [inches], unless noted otherwise.
TL50A Audible Indicators
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 155019 Rev. J



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com