Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL50CZGRALS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL50CZGRALS
Description  TL50CZ Compact Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50CZGRALS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL50CZGRALS Datasheet HTML 1Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 2Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 3Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 4Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 5Page - Banner Engineering Corp. TL50CZGRALS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Multi-Color General-Purpose or Audible Indicators
•
Bright, uniform lighted segments at only half the height of the standard TL50 models
•
Rugged, cost-effective, and easy-to-install multi-segment indicators
•
Illuminated segments provide easy-to-install multi-segment indicators
•
Illuminated segments provide easy-to-see opertor guidance and indication of
equipment status
•
Displays up to 5 colors
•
Available in black or light gray housing
•
Audible models available with standard, sealed, or omni-directional audible element
•
Compact devices are completely self-contained, no controller needed
•
100 V ac to 240 V ac operation
•
No assembly required
Models
Non-Audible Models1
# of LED Colors
LED Colors2
Connection3
Inputs
TL50CZR
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50CZGR
2
Green, Red
TL50CZGYR
3
Green, Yellow, Red
TL50CZBGYR
4
Blue, Green, Yellow, Red
5-wire PVC cable
TL50CZWBGYR
5
White, Blue, Green, Yellow, Red
6-wire PVC cable
Standard Audible Models 1
# of LED Colors
LED Colors 2
Connection 3
Inputs
TL50CZRA
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50CZGRA
2
Green, Red
TL50CZGYRA
3
Green, Yellow, Red
5-wire PVC cable
TL50CZBGYRA
4
Blue, Green, Yellow, Red
6-wire PVC cable
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50CZRALS
TL50CZRALS3
TL50CZRALS4
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50CZGRALS
TL50CZGRALS3
TL50CZGRALS4
2
Green, Red
TL50CZGYRALS
TL50CZGYRALS3
TL50CZGYRALS4
3
Green, Yellow, Red
5-wire PVC cable
TL50CZBGYRALS
TL50CZBGYRALS3
TL50CZBGYRALS4
4
Blue, Green, Yellow, Red
6-wire PVC cable
Omni-Directional Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50CZRAOS
TL50CZRAOS3
TL50CZRAOS4
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50CZGRAOS
TL50CZGRAOS3
TL50CZGRAOS4
2
Green, Red
TL50CZGYRAOS
TL50CZGYRAOS3
TL50CZGYRAOS4
3
Green, Yellow, Red
5-wire PVC cable
1
•
Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "QP" in 150 mm
(6 in) PVC cable model numbers. For example, TL50CZRC or TL50CZRCQP.
2
•
The first color listed is the bottom color, going up in successive order.
•
Five color options are available in non-audible cabled models.
•
Four color options are only available in audible cabled models.
•
Available colors include: Green (G), Red (R), Yellow (Y), Blue (B), Orange (O), White (W), Turquoise (T), Violet (V), Magenta (M) and Sky Blue (S).
•
Contact Banner Engineering for other colors and color combinations.
3
•
To order the 150 mm (6 in) PVC cable model, add the suffix "QP" to the model number. For example, TL50CZRQP.
•
Models with a quick disconnect require a mating cordset.
TL50CZ Compact Universal AC Voltage Tower
Light
Original Document
179187 Rev. H
7 May 2019
179187


Similar Part No. - TL50CZGRALS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50C BANNER-TL50C Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
TL50CBGYRALS3Q BANNER-TL50CBGYRALS3Q Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
TL50CBGYRALS4Q BANNER-TL50CBGYRALS4Q Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
TL50CBGYRALSQ BANNER-TL50CBGYRALSQ Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
TL50CBGYRAOSIQ BANNER-TL50CBGYRAOSIQ Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
More results

Similar Description - TL50CZGRALS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
CL50 BANNER-CL50_V01 Datasheet
673Kb / 6P
CL50 Universal AC Voltage Column Light
TL50Z BANNER-TL50Z Datasheet
805Kb / 6P
TL50Z Universal AC Voltage Tower Light
TL50HZ BANNER-TL50HZ Datasheet
793Kb / 6P
TL50HZ High Brightness Universal AC Voltage Tower Light
TL50C BANNER-TL50C Datasheet
1,019Kb / 7P
TL50C Compact Tower Light
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com