Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT8050 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT8050
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT8050 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT8050 Datasheet HTML 1Page - Continental Device India Limited CMBT8050 Datasheet HTML 2Page - Continental Device India Limited CMBT8050 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8050
SOT-23
Formed SMD Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Collector Dissipation @ Ta=25ºC
PC
mW
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=100µA, IE=0
30
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
25
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6
V
Collector Cut Off Current
ICBO
VCB=15V, IE=0
50
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
500
nA
DC Current Gain
hFE
*IC=50mA, VCE=1V
100
400
IC=350mA, VCE=1V
60
Collector Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.5
V
Base Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
1.2
V
Transition Frequency
fT
IC=100mA, VCE=10V, f=100MHz
150
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
20
pF
CLASSIFICATIONS
CMBT8050
C
D
E
*hFE
100 - 400
100 - 200
150 - 300
280 - 400
MARKING
05
05C
05D
05E
800
250
- 55 to +125
VALUE
30
25
6
PIN CONFIGURATION (NPN)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBT8050

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT8098 CDIL-CMBT8098 Datasheet
143Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT8099 CDIL-CMBT8099 Datasheet
143Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CMBT8050

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com