Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL50RAOS3IQ Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # TL50RAOS3IQ
Description  TL50 Tower Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50RAOS3IQ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  TL50RAOS3IQ Datasheet HTML 1Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 2Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 3Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 4Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 5Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 6Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 7Page - Banner Engineering Corp. TL50RAOS3IQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wiring Diagram — 8-Pin Models with 5 Segments
PNP Input
7
6
2
1
5
4
8
3
18-30V dc
24V ac
Indicator
Color
C1
C2
C3
C4
C5/A
NPN Input
7
6
2
1
5
4
8
3
Indicator
Color
C1
C2
C3
C4
C5/A
18-30V dc
24V ac
Key:
1 = White
2 = Brown
3 = Green
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
C5 = Color 5
A = Audible
Pin 4 can activate the corresponding color or the audible function, if available. Pins 3 and 8 are not used.
Wiring Diagram — 8-Pin Models with 6 to 7 Segments
PNP Input
7
6
2
1
5
4
8
3
Indicator
Color
C1
C2
C3
C4
C5
C6/A
C7/A
12-30V dc
24V ac
NPN Input
7
6
2
1
5
4
8
3
Indicator
Color
C1
C2
C3
C4
C5
C6/A
C7/A
12-30V dc
24V ac
Key:
1 = White
2 = Brown
3 = Green
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
C1 = Color 1
C2 = Color 2
C3 = Color 3
C4 = Color 4
C5 = Color 5
C6 = Color 6
C7 = Color 7
A = Audible
Pins 3 and 8 can activate the corresponding color or the audible function, if available.
TL50 Tower Light
P/N 142406 Rev. R
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com