Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2120 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2120
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2120 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2120 Datasheet HTML 1Page - Continental Device India Limited CSC2120 Datasheet HTML 2Page - Continental Device India Limited CSC2120 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CSC2120
TO-92
BCE
Audio Power Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
35
V
Collector -Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
800
mA
Emitter Current
IE
800
mA
Collector Power Dissipation
PC
600
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=35V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
30
-
-
V
DC Current Gain
hFE*(1)
IC=100mA, VCE=1V
100
-
320
hFE*(2)
IC=700mA, VCE=1V
35
-
-
Collector Emitter Saturation Voltage
VCE(Sat) * IC=500mA, IB=20mA
-
-
0.5
V
Base Emitter Voltage
VBE(on)
IC=10mA, VCE=1V
0.5
-
0.8
V
Dynamic Characteristics
Collector Output Capacitance
Cob
VCB=10V, IE=0,
-
13
-
pF
f=1MHz
Transition Frequency
ft
VCE=5V,IC=10mA,
-
120
-
MHz
*(1)hFE CLASSIFICATION
0 : 100 - 200,
Y : 160 - 320,
*Pulse Test : Pulse Width =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC2120

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
FEED-THROUGH Spring Clamp Terminals
logo
Continental Device Indi...
CSC2001 CDIL-CSC2001 Datasheet
59Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSC2002 CDIL-CSC2002 Datasheet
145Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002K CDIL-CSC2002K Datasheet
145Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002L CDIL-CSC2002L Datasheet
145Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSC2120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com