Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLTC Datasheet(PDF) 1 Page - AVX Corporation

Part # PLTC
Description  Precision Laser Trimable Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

PLTC Datasheet(HTML) 1 Page - AVX Corporation

  PLTC Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
RF
083018
PLTC Series
Precision Laser Trimable Capacitors
Trim Resolution
P = ± 0.02 pF
A = ± 0.05 pF
B = ± 0.01 pF
P
TR = Tape & Reel
W = Waffle Pack
Packaging Code
TR
LGA Termination
N = SAC
L = SnPb
N
Case Size
02
02 = 0402
03 = 0603
05 = 0805
Series Code
LT
Laser Trim
Capacitance
EIA Cap Code in
pF First two digits =
significant figures or
“R” for decimal place.
Third digit = number
of zeros or after “R”
significant figures.
4R7
HOW TO ORDER
FEATURES
APPLICATIONS
Size, Cap. Range, Trim Resolution
Key Features
This Precision Laser Trimmed Capacitor (PLTC) provides an excellent solution
for applications requiring precision tunable capacitance in a surface mount
LGA package. It has been designed with stable SiON dielectric in combination
with finely tunable capacitor ladder structures.
In contrast to traditions mechanically trimmed capacitors, PLTCs offer
extremely stable low profile (Z) design.
• Solder terminated LGA precision capacitors on
glass on silicon substrate
• Laser Trimmed to <0.05pF
• LGA trimmed in factory to user defined value
• Frequency of operation < 500 MHz
• 0.02pF Capacitance Trim Steps
• Typical voltage rating: < 150V
• Non-magnetic
• MRI Coils
• Instrumentation
• Sensors
• Transducers
• Industrial
• Military
• Up to 500 MHz
Size
Max Cap
Trim
Resolution
0402
14pF
0.02pF
0603
16pF
0.02pF
0603
50pF
0.1pF
0805
60pF
0.02pF


Similar Part No. - PLTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
logo
Radiometrix Ltd
PLT RADIOMETRIX-PLT Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
124Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
18-Oct-2019
logo
Kemet Corporation
PLT-01 KEMET-PLT-01 Datasheet
827Kb / 2P
Transformer/CMC for PLC
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
Transformer for PLC
More results

Similar Description - PLTC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
Laser Driver
logo
KODENSHI_AUK CORP.
HPI-3663 KODENSHI-HPI-3663 Datasheet
238Kb / 2P
Laser detectors
logo
List of Unclassifed Man...
QS186LE ETC1-QS186LE Datasheet
302Kb / 8P
Emissores Laser
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
logo
TDK Electronics
B32651A7682K TDK-B32651A7682K Datasheet
82Kb / 3P
Product change Laser marking for film capacitors from India
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
logo
Roithner LaserTechnik G...
JLP-5G ROITHNER-JLP-5G Datasheet
93Kb / 1P
Laser pointer with green laser
S200-5R ROITHNER-S200-5R Datasheet
97Kb / 1P
Laser pointer with green laser
logo
List of Unclassifed Man...
VLM-635-14 ETC2-VLM-635-14 Datasheet
197Kb / 1P
Small beam size laser module for laser leveling, precision, and professional applications.
logo
Analog Devices
AD510 AD-AD510 Datasheet
378Kb / 4P
Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com