Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC01-GA Datasheet(PDF) 4 Page - Recom International Power

Part # RAC01-GA
Description  Up to 488VAC input voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC01-GA Datasheet(HTML) 4 Page - Recom International Power

  RAC01-GA Datasheet HTML 1Page - Recom International Power RAC01-GA Datasheet HTML 2Page - Recom International Power RAC01-GA Datasheet HTML 3Page - Recom International Power RAC01-GA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-power.com
REV.: 0/2019
P-4
Accessory
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RAC-ADAPT-ST-1
INSTALLATION AND APPLICATION
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
moisture barrier bag
155.0 x 125.0 x 22.0mm
Packaging Quantity
1pcs
Storage Temperature Range
-30°C to +90°C
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Application Circuits
module with internal fuse, single output
module with external fuse, single output
module with internal fuse, dual output
module with external fuse, dual output
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
VACIN (L)
NC
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
VACIN (L)
NC
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
U
F
NC
VACIN (L)
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
U
F
NC
VACIN (L)
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
VACIN (L)
NC
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
VACIN (L)
NC
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
U
F
NC
VACIN (L)
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
U
F
NC
VACIN (L)
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
VACIN (L)
NC
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
VACIN (L)
NC
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
U
F
NC
VACIN (L)
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
U
F
NC
VACIN (L)
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
VACIN (L)
NC
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
VACIN (L)
NC
VACIN (N)
NC
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
NC
U
F
NC
VACIN (L)
VACIN (N)
-Vout
+Vout
+V
out
COM
COM
VAC
in (L)
VAC
in(N)
-V
out
U
F
NC
VACIN (L)
VACIN (N)
Note: The usage of a cable strain relief is strongly recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com