Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1789-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1789-10
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789-10 Datasheet(HTML) 2 Page - Linear Technology

  LT1789-10 Datasheet HTML 1Page - Linear Technology LT1789-10 Datasheet HTML 2Page - Linear Technology LT1789-10 Datasheet HTML 3Page - Linear Technology LT1789-10 Datasheet HTML 4Page - Linear Technology LT1789-10 Datasheet HTML 5Page - Linear Technology LT1789-10 Datasheet HTML 6Page - Linear Technology LT1789-10 Datasheet HTML 7Page - Linear Technology LT1789-10 Datasheet HTML 8Page - Linear Technology LT1789-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1789-1/LT1789-10
1789f
ORDER PART
NUMBER
S8 PART MARKING
LT1789CS8-1
LT1789IS8-1
LT1789CS8-10
LT1789IS8-10
17891
1789I1
178910
789I10
TJMAX = 150°C, θJA = 190°C/ W
VS = 3V, 0V; VS = 5V, 0V; RL = 20k, VCM = VREF = half supply, TA = 25°C, unless otherwise noted.
(Note 1)
Supply Voltage (V+ to V–) ........................................ 36V
Input Differential Voltage ......................................... 36V
Input Current (Note 3) ........................................
±20mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 4)
LT1789C-1, LT1789C-10 .................... – 40
°C to 85°C
LT1789I-1, LT1789I-10 ...................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
RG
+VS
OUT
REF
RG
–IN
+IN
–VS
S8 PACKAGE
8-LEAD PLASTIC SO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3V and 5V ELECTRICAL CHARACTERISTICS
LT1789-1
LT1789-10
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
G
Gain Range
LT1789-1, G = 1 + (200k/RG)
1
1000
LT1789-10, G = 10 • [1+ (200k/RG)]
10
1000
Gain Error (Note 6)
G = 1, VO = 0.1V to (+VS) – 1V
0.02
0.20
%
LT1789-1, VO = 0.1V to (+VS) – 0.3V
LT1789-10, VO = 0.2V to (+VS) – 0.3V
G = 10, (Note 2)
0.06
0.25
0.01
0.25
%
G = 100, (Note 2)
0.06
0.27
0.09
0.30
%
G = 1000, (Note 2)
0.13
0.16
%
Gain Nonlinearity (Note 6)
G = 1, VO = 0.1V to (+VS) – 1V
35
100
ppm
LT1789-1, VO = 0.1V to (+VS) – 0.3V
LT1789-10, VO = 0.2V to 4.7V, VS = 5V
(Note 8)
G = 10
12
40
15
100
ppm
G = 100
18
75
20
100
ppm
G = 1000
90
100
ppm
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000
15
100
20
160
µV
VOSO
Output Offset Voltage
G = 1 (LT1789-1), G =10 (LT1789-10)
150
750
650
3000
µV
IOS
Input Offset Current
(Note 6)
0.2
4
0.2
4
nA
IB
Input Bias Current
(Note 6)
19
40
19
40
nA
en
Input Noise Voltage,
G = 1, fO = 0.1Hz to 10Hz
5.0
µVP-P
RTI (Referred to Input)
G = 10
1.5
4.6
µVP-P
G = 100, 1000
1.0
1.1
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com