Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT092DNPFWD Datasheet(PDF) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT092DNPFWD
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT092DNPFWD Datasheet(HTML) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT092DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT092DNPFWD
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT092DNPFWD-Manual-Rev0.1.doc
Page: 13 of 14
Vwhite: To be determined
Vblack: To be determined.
Note 4: Definition of Response time
The response time is defined as the LCD optical switching time interval between “White” state and
“Black” state. Rise time (TON) is the time between photo detector output intensity changed from 90%
to 10%. And fall time (TOFF) is the time between photo detector output intensity changed from 10% to
90%.
Note 5: Definition of color chromaticity (CIE1931)
Color coordinates measured at center point of LCD.
Note 6: Definition of Luminance Uniformity
Active area is divided into 9 measuring areas (Refer Fig. 2). Every measuring point is placed at the
center of each measuring area.
Luminance Uniformity (U) = Lmin/ Lmax
L-------Active area length W----- Active area width
Lmax: The measured Maximum luminance of all measurement position.
Lmin: The measured Minimum luminance of all measurement position.
Note 7: Definition of Luminance:
Measure the luminance of white state at center point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com