Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABDFTCXO Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABDFTCXO
Description  DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABDFTCXO Datasheet(HTML) 2 Page - Abracon Corporation

  ABDFTCXO Datasheet HTML 1Page - Abracon Corporation ABDFTCXO Datasheet HTML 2Page - Abracon Corporation ABDFTCXO Datasheet HTML 3Page - Abracon Corporation ABDFTCXO Datasheet HTML 4Page - Abracon Corporation ABDFTCXO Datasheet HTML 5Page - Abracon Corporation ABDFTCXO Datasheet HTML 6Page - Abracon Corporation ABDFTCXO Datasheet HTML 7Page - Abracon Corporation ABDFTCXO Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05.19.2017
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
ABDFTCXO/ABDFVCTCXO SERIES
MSL = 3
9.0 x 14.0 x 3.0mm
Pb RoHS/RoHS II Compliant
ESD SENSITIVE
PARAMETERS
RATING
Storage Temperature Range (Ts)
-55°C to +125°C
Supply Voltage (Vdd)
-0.5V to 6V
Control Voltage (Vc)
0V to 3V
ESD, HBM/CDM/MM
4kV/2kV/200V
PARAMETERS
MINIMUM
TYPICAL
MAXIMUM
UNITS
NOTES
Frequency Range
5.000
52.000
MHz
Standard Frequencies
[Output 1(F
0)/Output 2 (F0/2)]
10.000/5.000
12.800/6.400
16.000/8.000
16.384/8.192
19.200/9.600
19.440/9.720
20.000/10.000 24.576/12.288 25.000/12.500
26.000/13.000 30.000/15.000 30.720/15.360
38.400/19.200 38.880/19.440 40.000/20.000
50.000/25.000 52.000/26.000
MHz
Custom frequencies
available upon
request. Please
contact Abracon.
*Note 1
Supply Voltage (Vdd)
+3.135
+3.3
+3.465
V
Supply Current (Icc) (into 15pF load )
20
mA
Carrier dependent
Initial Frequency Tolerance @ +25°C
-0.50
+0.50
ppm
As received, Relative
to carrier
Operating Temperature
-20
+70
°C
Option “E”
-40
+85
Option “L”
Frequency Stability vs. Operating
Temperature ( ref. to +25°C )
-100
+100
ppb
Option “1” *Note 2
-280
+280
ppb
Option “2”
Frequency Stability vs. Vdd Change
-100
+100
ppb
Vdd ±5%
Frequency Stability vs. Load Change
-200
+200
ppb
Load ±5%
Aging (1st year @ +25°C)
-1.0
+1.0
ppm
Aging (10 years @ +25°C)
-3.0
+3.0
ppm
All-inclusive frequency stability over 10
years product life (Stratum-III Compliant)
-4.60
+4.60
ppm
LVCMOS Output (Square wave)
V
OH
2.4
V
Load = 15pF
V
OL
0.4
V
Load = 15pF
Load
15
pF
Duty Cycle
45
55
%
@ (V
OH - VOL)/2
Rise/Fall Time
6
ns
Load = 15pF
Control Port (Applicable for VCTCXO only)
Center Control Voltage (Vc)
+1.50
V
Control Voltage Range (Vc)
+0.50
+2.50
V
Frequency Pull
±5.00
< ±13.00
ppm
Vc = 1.5V±1.0V
Tuning Slope
Positive
Linearity Error
< 0.5
10
%
STANDARD SPECIFICATIONS
*Note 1: F0 > 40MHz, available in Q4-2017 | *Note 2: Available Q4-2017
TYPICAL OPERATING CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com