Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCDM-CL-100MHZ Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABCDM-CL-100MHZ
Description  Low Jitter - Octal Clock Distribution Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABCDM-CL-100MHZ Datasheet(HTML) 4 Page - Abracon Corporation

  ABCDM-CL-100MHZ Datasheet HTML 1Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 2Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 3Page - Abracon Corporation ABCDM-CL-100MHZ Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABCDM-XX-YYYMHz
Pb RoHS
Compliant
30332
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
92688
tel 949-546-8000
| fax 949-546-8001
b
a
.
w
w
w
|
r
m
o
c
.
n
o
c
a
Revised: 07.01.11
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pin #
Function
Description
1
VDD
System Power (+2.50V to +3.60V)
2
GND
Ground
3
GND
Ground
4
Q0
LVPECL or LVDS Differential Output Pair # 1
5
Q0'
LVPECL or LVDS Differential Output Pair # 1
6
Q1
LVPECL or LVDS Differential Output Pair # 2
7
Q1'
LVPECL or LVDS Differential Output Pair # 2
8
Q2
LVPECL or LVDS Differential Output Pair # 3
9
Q2'
LVPECL or LVDS Differential Output Pair # 3
10
Q3
LVPECL or LVDS Differential Output Pair # 4
11
Q3'
LVPECL or LVDS Differential Output Pair # 4
12
GND
Ground
13
Q4
LVPECL or LVDS Differential Output Pair # 5
14
Q4'
LVPECL or LVDS Differential Output Pair # 5
15
Q5
LVPECL or LVDS Differential Output Pair # 6
16
Q5'
LVPECL or LVDS Differential Output Pair # 6
17
Q6
LVPECL or LVDS Differential Output Pair # 7
18
Q6'
LVPECL or LVDS Differential Output Pair # 7
19
GND
Ground
20
Q7
LVPECL or LVDS Differential Output Pair # 8
21
Q7'
LVPECL or LVDS Differential Output Pair # 8
22
GND
Ground
23
GND
Ground
24
GND
Ground
25
GND
Ground
26
GND
Ground
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
GND
Ground
31
GND
Ground
32
GND
Ground
33
GND
Ground
34
GND
Ground
35
GND
Ground
36
GND
Ground
OCTAL CLOCK DISTRIBUTION MODULE -PINT OUT CONFIGURATION
Low Jitter - Octal Clock Distribution Module
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com