Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C17265 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17265
Description  ~60째 medium beam for industrial applications. Variant made from PC.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17265 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17265 Datasheet HTML 1Page - Ledil, Inc. C17265 Datasheet HTML 2Page - Ledil, Inc. C17265 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C17265_STRADELLA-HB-M-PC
STRADELLA-HB-M-PC
~60° medium beam for industrial applications.
Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 mm
Height
5.7 mm
Fastening
pin
Colour
clear
Box size
480 x 250 x 390 mm
Box weight
8.5 kg
Quantity in Box
24000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-HB-M-PC
Single lens
PC
clear
Last update: 17/09/2019
Subject to change without prior notice
Published: 23/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C17265

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
~90째 wide beam for industrial applications. Variant made from PC.
More results

Similar Description - C17265

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
C14990 LEDIL-C14990 Datasheet
1Mb / 4P
~25째 medium beam. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
~90째 wide beam for industrial applications. Variant made from PC.
CS17090 LEDIL-CS17090 Datasheet
3Mb / 5P
~25째 medium beam. Variant made from PC.
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
CA15551 LEDIL-CA15551 Datasheet
1Mb / 5P
~35째 medium beam. Variant made from PC.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com