Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIA80X80M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDIA80X80M
Description  A80X80M Series Area Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIA80X80M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDIA80X80M Datasheet HTML 1Page - Banner Engineering Corp. LEDIA80X80M Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Area Lights for use with PresencePLUS® P4 Sensors
• Continuous or strobed operation is selectable using sensor software
• Solid-state LED light source
• Direct connection to PresencePLUS® P4 sensor (if sensor is powered
by 24 V dc)
• Two available bracket options
Models
Model1
LED Color
Wave Length
LEDIA80X80M
Infrared
850 nm
LEDRA80X80M
Visible Red
660 nm
LEDWA80X80M
White
All Visible
LEDBA80X80M
Blue
470 nm
LEDGA80X80M
Green
525 nm
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris. Do not use any other chemicals
for cleaning.
Specifications
Light Source
LED; see Models table for wave lengths
Illumination
Lightly diffused, high-intensity area light
Infrared model: At a 24 inch distance, illuminates an 8 inch diameter area
within 60% of the center intensity
Visible LED models: At a 12 inch distance, illuminates a 4 inch diameter area
within 50% of the center intensity
Supply Voltage and Current
24 V dc at 250 mA max.
Voltage supplied by PresencePLUS® P4 sensors, if operating at 24 V dc (see
sensor manual)
Connections
2 m (6.5 ft) PVC cable with 3-wire, 8 mm male Pico-style connector
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications, output will
decrease less than 30% after 10,000 hours and less than 40% after 20,000
hours
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
1 2 m (6.5 ft) PVC cable models with 3-wire, 8 mm male Pico-style connector listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, LEDBA80X80W W/30.
LED..A80X80M Series Area Lights
Original Document
116949 Rev. A
5 July 2017
116949


Similar Part No. - LEDIA80X80M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIA80X80 BANNER-LEDIA80X80 Datasheet
645Kb / 2P
Infrared (IR) Long-Range Area Light
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDIA80X80W BANNER-LEDIA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
More results

Similar Description - LEDIA80X80M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Banner Engineering Corp...
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDIA80X80W BANNER-LEDIA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIA62X62W BANNER-LEDIA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDIA62X62M BANNER-LEDIA62X62M Datasheet
403Kb / 2P
A62X62M Series Area Lights
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com