Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRA80X80W Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRA80X80W
Description  A80X80W Series Area Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRA80X80W Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRA80X80W Datasheet HTML 1Page - Banner Engineering Corp. LEDRA80X80W Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Area Lights with 3-Wire Cables for Use with PresencePLUS® ProSensors
• Lightly diffused area light for PresencePLUS® ProPresencePLUS® Pro sensors.
• Continuous or strobed operation is selectable via sensor software
• Solid-state LED light source
Direct connection to PresencePLUS® Pro system or to an external power supply
• Two available bracket options
Models
Model1
LED Color
Wave Length
LEDIA80X80W
Infrared
850 nm
LEDRA80X80W
Visible Red
660 nm
LEDWA80X80W
White
All Visible
LEDBA80X80W
Blue
470 nm
LEDGA80X80W
Green
525 nm
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris. Do not use any other chemicals for cleaning.
Wiring Table
LED..A80X80W Wire
PresencePLUS Pro Controller Terminal
Block
External Power Supply (Strobed)
External Power Supply (Continuous)
Brown
Pin 1, + V (24 V dc ±10%)
+ V
+ V
Blue
Pin 2, - V (dc common)
- V
- V
Black
Pin 4 (strobe)
+5 V dc OFF
- V ON
- V
Specifications
Light Source
LED; see Models table for wave lengths
Illumination
Lightly diffused, high-intensity area light
Infrared model: At a 24 inch distance, illuminates an 8 inch diameter area within 60%
of the center intensity
Visible LED models: At a 12 inch distance, illuminates a 4 inch diameter area within
50% of the center intensity
Supply Voltage and Current
24 V dc at 250 mA max.
Voltage supplied by PresencePLUS® Pro sensors, if operating at 24 V dc (see sensor
manual)
Connections
3 conductor, 2 m (6.5 ft) integral cable
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications, output will
decrease less than 30% after 10,000 hours and less than 40% after 20,000 hours
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Certifications
1
2 m (6.5 ft) PVC cable models with 3-wire, 8 mm male Pico-style connector listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, LEDBA80X80W W/30.
LED..A80X80W Series Area Lights
Original Document
115607 Rev. C
19 February 2019
115607


Similar Part No. - LEDRA80X80W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRA80X80 ETC1-LEDRA80X80 Datasheet
442Kb / 2P
Red Area Light
logo
Banner Engineering Corp...
LEDRA80X80M BANNER-LEDRA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDRA80X80QPMA BANNER-LEDRA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
More results

Similar Description - LEDRA80X80W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Banner Engineering Corp...
LEDIA80X80M BANNER-LEDIA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIA62X62W BANNER-LEDIA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDIA62X62M BANNER-LEDIA62X62M Datasheet
403Kb / 2P
A62X62M Series Area Lights
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com