Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDWA70AP5-XQ Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # LEDWA70AP5-XQ
Description  LED Series Sealed High-Intensity Area Lights
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDWA70AP5-XQ Datasheet(HTML) 5 Page - Banner Engineering Corp.

  LEDWA70AP5-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDWA70AP5-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDWA70AP5-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDWA70AP5-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDWA70AP5-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDWA70AP5-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC20-506
1.83 m (6 ft)
Straight
ø 15 [0.59"]
M12 x 1
42 Typ.
[1.65"]
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC20-515
4.57 m (15 ft)
MQDC20-530
9.14 m (30 ft)
5-Pin Threaded M12/Euro-Style Cordsets—Stainless Steel Nut
Model
Length
Style
Dimensions
Pinout (Female)
MQDC20SS-506
1.83 m (6 ft)
Straight
ø 15 [0.59"]
M12 x 1
42 Typ.
[1.65"]
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC20SS-515
4.57 m (15 ft)
MQDC20SS-530
9.14 m (30 ft)
Brackets
SMBASCM
•
316 stainless steel column-
mounting bracket with 430
stainless steel threaded insert
•
Four ¼-20 stainless steel
screws included
SMBAMS70AS
•
316 stainless steel
right-angle bracket
•
Articulated slots for 90+
degrees rotation
•
Four ¼-20 stainless
steel screws included
Filters (Optional)
Light filters are available in red, white, blue, green, infrared, and other options. Visit
http://www.bannerengineering.com to
determine which filter is best for your application and Vision system.
Replacement Window Kits
Model
Description
LEDA70SW-P
Clear acrylic
LEDA70SW-G
Clear glass
LEDA70SCDW-P
Clear diffuse acrylic
LEDA70SWDW-P
White diffuse acrylic
LED Series Sealed High-Intensity Area Lights
P/N 153957 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com