Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIA80X80 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDIA80X80
Description  Infrared (IR) Long-Range Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIA80X80 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDIA80X80 Datasheet HTML 1Page - Banner Engineering Corp. LEDIA80X80 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Area lights for use with PresencePLUS® sensors
•
Lightly diffused area light for
PresencePLUS sensors.
•
Solid-state visible infrared (IR) LEDs
•
Direct connection to
PresencePLUS sensors, using 3-pin Pico-style
connector (do not connect to any other power source)
•
Two available bracket options
Specifications
Light Source
Infrared (IR) LED, 850 nm
Illumination
Lightly diffused, high-intensity area light
At a 0.61 m (24 in) distance the light illuminates an 0.20 m (8 in) diameter
area that is within 60% of the center intensity
Supply voltage and current
Voltage supplied by P1B65Q, P2B65Q or select
PresencePLUS sensors
only (do not connect to any other power source)
Current: 400 mA max.
Connections
2 m (6.5 ft) with 3-wire, 8 mm female Pico-style connector
Connect to select
PresencePLUS sensors only
Construction
Low-carbon steel with black zinc plating
Window: acrylic
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Useful Life
10,000 hours (LED ON time)
When operated within specifications, output will decrease less than 30%
after 10,000 hours and less than 40% after 20,000 hours
Certifications
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
110.4 mm
(4.35")
92.6 mm
(3.65")
46.2 mm
(1.81")
13.8 mm(0.54")
94.0 mm
(3.70")
61.0 mm
(2.40")
15.8 mm
(0.62")
8.2 mm
(0.32")
4x M4 x 0.7(7.1 mm Deep)
25.4 mm
(1.00")
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris. Do not use any other
chemicals for cleaning.
LEDIA80X80 Infrared (IR) Long-Range Area Light
Original Document
110607 Rev. B
20 February 2019
110607


Similar Part No. - LEDIA80X80

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIA80X80M BANNER-LEDIA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDIA80X80W BANNER-LEDIA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
More results

Similar Description - LEDIA80X80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRA80X80 ETC1-LEDRA80X80 Datasheet
442Kb / 2P
Red Area Light
logo
OSRAM GmbH
SFH4271 OSRAM-SFH4271 Datasheet
86Kb / 10P
IR-Lumineszenzdiode Infrared Emitter
logo
Dialight Corporation
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
OSRAM GmbH
LD271 OSRAM-LD271 Datasheet
143Kb / 8P
IR-Lumineszenzdiode Infrared Emitter
logo
Banner Engineering Corp...
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
High-Intensity Area Light
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
Thermopile Infrared (IR) Sensor
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
Long Range & Wide Area Photoelectric Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com