Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIA62X62M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDIA62X62M
Description  A62X62M Series Area Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIA62X62M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDIA62X62M Datasheet HTML 1Page - Banner Engineering Corp. LEDIA62X62M Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
LED Area Lights for Use with PresencePLUS P4 Sensors
•
Continuous or strobed operation, selectable via sensor software
•
Solid-state LED matrix
•
Direct connection to
PresencePLUS P4 sensor
•
Two available bracket options
Models
Model
LED Color
Ambient Light Filter Kit
Polarizing Filter Kit
Connector1
LEDIA62X62M
Infrared, 940 nm
FLTI (included with IR lights)
—
2 m (6.5 ft) cable with a 3-pin
M8/Pico-style quick
disconnect fitting
LEDRA62X62M
Visible red, 630 nm
FLTR (included with LEDAPFKS)
LEDAPFKS
LEDWA62X62M
White, all visible
FLTB or FLTG
LEDBA62X62M
Blue, 464 to 475 nm
FLTB
LEDGA62X62M
Green, 520 to 540 nm
FLTG
Installing the Area Light
Note: Before installing this area light it is recommended that an ambient light filter be installed behind the lens.
The filter improves image quality by reducing unwanted ambient light.
Sensing Shiny Surfaces: To eliminate direct reflections without using polarizing filters, angle the sensor approximately 15° (or more)
from perpendicular to a shiny surface.
Polarizing Kit: If it is necessary to mount the camera at a 90° angle to a shiny surface, the polarizing filter kit provides filters for both
the LED area light and sensor to reduce the negative effects of strong, direct light reflections. The red filter kit (FLTR) is included
with the polarizing kit. When light colors other than red are used, discard the red filter in the polarizing kit and use the proper filter
listed in the models table. The polarizing filters reduce the amount of light returned to the sensor.
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris. Do not use any other
chemicals for cleaning.
Specifications
Supply Voltage and Current
Voltage supplied by
PresencePLUS P4 sensors, if operating at 24 V dc (see
sensor manual)
Infrared: 24 V dc at 150 mA max.
All other colors: 24 V dc at 200 mA max.
Light Source
LED; see Models table for wave lengths
Illumination
High-intensity area light
Connections
2 m (6.5 ft) PVC cable with a 3-pin M8/Pico-style quick disconnect
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications, output
will decrease less than 30% after 10,000 hours and less than 50% (less than
40% for red and IR models) after 20,000 hours.
Operating Conditions
0° to +50°C (+32° to 122°F)
90% at 50°C (non-condensing) max. relative humidity
Certifications
1 Models with a quick disconnect require a mating cordset.
LED..A62X62M Series Area Lights
Original Document
121780 Rev. D
19 February 2019
121780


Similar Part No. - LEDIA62X62M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIA62X62W BANNER-LEDIA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
More results

Similar Description - LEDIA62X62M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Banner Engineering Corp...
LEDIA80X80M BANNER-LEDIA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDIA80X80W BANNER-LEDIA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIA62X62W BANNER-LEDIA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com