Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDAPFKS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDAPFKS
Description  Area Light/Backlight Polarizing Filter Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDAPFKS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDAPFKS Datasheet HTML 1Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Printed in USA
07/05
P/N 113657 rev. B
Installing the Polarizing Filter Kit
Each Polarizing Filter Kit provides polarizing filters for both the light source and the
PresencePLUS camera. Optional color filters are available separately.
1. Remove and set aside the four Phillips screws on the light’s window (Figure 1).
2. Remove the protective plastic covering from both sides of each filter.
3. Place the polarizing filter into the light on top of the window. Secure with the four
Phillips screws.
4. The camera filters install behind the lens (Figure 2). Remove the lens and insert the
optional color filter first, if used, then the polarizing filter. Install the retaining ring,
using the tool supplied with this filter kit.
NOTE: Take care not to fingerprint the filters. If necessary, carefully clean the
filters using only lens or window cleaner.
5. Reinstall the lens.
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN 55441 • Phone: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
Figure 2. Installing the Color Filter (if used) and Polarizing Filter on the Camera
Figure 1. Installing the Polarizing Filter on the Light
For use with PresencePLUS® Sensors
LEDAPFK.. Area Light/Backlight Polarizing Filter Kits
Model
For Use with
Area Light or
Backlight Models
LEDAPFK
LED..80X80
LED..70X70
LEDAPFKS
LED..62X62
LEDAPFKSCS
LED..62X62 with
CS-mount lens camera
Models


Similar Part No. - LEDAPFKS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDA10E ETC2-LEDA10E Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
LEDA10E HOFFMANPRODUCTS-LEDA10E Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
LEDA1M35 HOFFMANPRODUCTS-LEDA1M35 Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
logo
List of Unclassifed Man...
LEDA1S35 ETC2-LEDA1S35 Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
LEDA1S35 HOFFMANPRODUCTS-LEDA1S35 Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
More results

Similar Description - LEDAPFKS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRA80X80 ETC1-LEDRA80X80 Datasheet
442Kb / 2P
Red Area Light
logo
Dialight Corporation
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
ORION FANS
LFG80 ORIONFANS-LFG80 Datasheet
1Mb / 1P
Filter Kits for 80mm
LFG92 ORIONFANS-LFG92 Datasheet
1Mb / 1P
Filter Kits for 80mm
logo
Banner Engineering Corp...
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
High-Intensity Area Light
LEDA70SO BANNER-LEDA70SO Datasheet
164Kb / 1P
A70S Series Area Light Replacement Window Kits
LEDRRPFK BANNER-LEDRRPFK Datasheet
48Kb / 1P
LEDRRPFK(S) Ring Light Polarizing Filter Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com